Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHD144T2KTCR2ABB Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # VHD144T2KTCR2ABB
Description  Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VHD144T2KTCR2ABB Datasheet(HTML) 2 Page - Vaishali Semiconductor

  VHD144T2KTCR2ABB Datasheet HTML 1Page - Vaishali Semiconductor VHD144T2KTCR2ABB Datasheet HTML 2Page - Vaishali Semiconductor VHD144T2KTCR2ABB Datasheet HTML 3Page - Vaishali Semiconductor VHD144T2KTCR2ABB Datasheet HTML 4Page - Vaishali Semiconductor VHD144T2KTCR2ABB Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VHD200, VHD144
Vishay Foil Resistors Bulk Metal
® Foil Hermetically sealed, Small Package,
Voltage Dividers with TCR Tracking of 0.1 ppm/°C
and Tolerance Match down to 0.001 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63036
2
Revision: 13-Nov-07
Notes
1. Lead wires: #22 AWG solder coated copper, 0.75" minimum length.
2. Each resistor contains 1 chip consisting of two resistive elements. Tol: ± 0.020".
FIGURE 1 - TYPICAL TCR CURVE
(For more details, see table 1)
- 50
- 25
0
+ 20
+ 50
+ 75
+ 100
+ 125
- 55
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
ΔR
R
(ppm)
Ambient Temperature (°C)
± 2 ppm/°C (+ 25 °C Reference)
FIGURE 2 - TRIMMING TO VALUES
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 - VHD200 AND VHD144 STANDARD PRINTING AND DIMENSIONS in inches (millimeters)
FIGURE 2 - POWER DERATING CURVE
VHD144
VHD200
VISHAY
0746
VHD200
1
Low Resistance
Value Indicator
0.398
(10.11)
0.430
(10.92)
0.047
(1.19)
Match
Tolerance
Date Code
Model No .
0.095
(2.41)
0.751)
(19.05)
123
0.146
(3.71)
0.435
(11.05)
0.370
(9.40)
0.1 (2.54)
0.185
(4.70)
Standard Printing and Dimensions
12
3
R
1
R
2
Schematic2)
100
75
50
25
0
- 50
0
+ 50
+ 100
+ 150
Ambient Temperature (°C)
- 55 °C
+ 70
100
75
50
25
0
- 50
0
+ 50
+ 100
+ 130
Ambient Temperature (°C)
- 55 °C
+ 25
+ 125



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com