Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7384 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7384
Description  4 x 35W QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7384 Datasheet(HTML) 8 Page - STMicroelectronics

  TDA7384 Datasheet HTML 1Page - STMicroelectronics TDA7384 Datasheet HTML 2Page - STMicroelectronics TDA7384 Datasheet HTML 3Page - STMicroelectronics TDA7384 Datasheet HTML 4Page - STMicroelectronics TDA7384 Datasheet HTML 5Page - STMicroelectronics TDA7384 Datasheet HTML 6Page - STMicroelectronics TDA7384 Datasheet HTML 7Page - STMicroelectronics TDA7384 Datasheet HTML 8Page - STMicroelectronics TDA7384 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Flexiwatt25
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.45
4.50
4.65
0.175
0.177
0.183
B
1.80
1.90
2.00
0.070
0.074
0.079
C
1.40
0.055
D
0.75
0.90
1.05
0.029
0.035
0.041
E
0.37
0.39
0.42
0.014
0.015
0.016
F (1)
0.57
0.022
G
0.80
1.00
1.20
0.031
0.040
0.047
G1
23.75
24.00
24.25
0.935
0.945
0.955
H (2)
28.90
29.23
29.30
1.138
1.150
1.153
H1
17.00
0.669
H2
12.80
0.503
H3
0.80
0.031
L (2)
22.07
22.47
22.87
0.869
0.884
0.904
L1
18.57
18.97
19.37
0.731
0.747
0.762
L2 (2)
15.50
15.70
15.90
0.610
0.618
0.626
L3
7.70
7.85
7.95
0.303
0.309
0.313
L4
5
0.197
L5
3.5
0.138
M
3.70
4.00
4.30
0.145
0.157
0.169
M1
3.60
4.00
4.40
0.142
0.157
0.173
N
2.20
0.086
O
2
0.079
R
1.70
0.067
R1
0.5
0.02
R2
0.3
0.12
R3
1.25
0.049
R4
0.50
0.019
V5
° (Typ.)
V1
3
° (Typ.)
V2
20
° (Typ.)
V3
45
° (Typ.)
(1): dam-bar protusion not included
(2): molding protusion included
H3
R4
G
V
G1
H1
H
F
M1
L
FLEX25ME
V3
H2
R3
N
V2
R
R2
R2
C
B
L1
M
R1
L5
R1
R1
E
D
A
V
V1
V1
OUTLINE AND
MECHANICAL DATA
TDA7384A
8/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com