Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS201 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCS201
Description  Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS201 Datasheet(HTML) 2 Page - Vishay Siliconix

  VCS201 Datasheet HTML 1Page - Vishay Siliconix VCS201 Datasheet HTML 2Page - Vishay Siliconix VCS201 Datasheet HTML 3Page - Vishay Siliconix VCS201 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
200 Series
Vishay Foil Resistors
Bulk Metal® Foil Technology Conformally Coated
Precision Current Sensing Resistors
with TCR of 5 ppm/°C and values down to 5 m
Ω
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63017
2
Revision: 16-Jul-07
Note
1.
ΔR's plus additional 0.0005 Ω for measurement error
TABLE 2 - VISHAY VCS201, VCS202, VCS232 PERFORMANCE
TEST OR CONDITION
VCS201, 202, 232 PERFORMANCE1)
Maximum Ambient Temperature at Rated Power
+ 25 °C
Maximum Ambient Temperature at Zero Power
+ 150 °C
Thermal Shock
± 0.1 %
Short Time Overload
± 0.1 %
Resistance to Solder Heat
± 0.05 %
Terminal Strength
± 0.05 %
High Temperature Exposure
± 0.1 %
Moisture Resistance
± 0.1 %
Low Temperature Storage
± 0.05 %
Shock (Specified Pulse)
± 0.1 %
Vibration (High Frequency)
± 0.1 %
Life (Rated Power, + 25 °C, 2000 hours)
± 0.5 %
Thermal EMF (Lead to Lead)
0.2 µV/°C Maximum (E terminals)
FIGURE 2 - TRIMMING TO VALUES (Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 - POWER DERATING CURVE
+ 100
+ 75
+ 50
+ 25
0
- 50
0
+ 50
+ 100
+ 150
+ 200
Ambient Temperature (
°C)
- 55 °C
+ 25 °C
(Further Derating Not Necessary)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com