Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS232 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCS232
Description  Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS232 Datasheet(HTML) 1 Page - Vishay Siliconix

  VCS232 Datasheet HTML 1Page - Vishay Siliconix VCS232 Datasheet HTML 2Page - Vishay Siliconix VCS232 Datasheet HTML 3Page - Vishay Siliconix VCS232 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 63017
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 16-Jul-07
1
200 Series
Vishay Foil Resistors
Bulk Metal® Foil Technology Conformally Coated
Precision Current Sensing Resistors
with TCR of 5 ppm/°C and values down to 5 m
Ω
Any value available within resistance range
The VCS200 Series offers resistance values as low as 5 m
Ω
and TCR’s as low as 5 ppm/°C with excellent long term
stability. The resistors are conformally coated. The 4 terminal
current sensing resistors can sustain 2 W continuously
without an appreciable change in resistance (0.5 %
maximum). The typical 50 % derating of the power
specification associated with other technologies is not
necessary.
Our Application Engineering Department is available to
advise and to make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature Coefficient of Resistance (TCR):
± 5 ppm/°C (0 to 60 °C) (see table 1)
• Tolerance: to ± 0.02 % (see table 1)
• Power Rating: 2 W at 25 °C
• Load Life Stability: ± 0.005 % at 25 °C,
2000 hours at Rated Power
• Resistance Range: 0.005 Ω to 500 Ω
• Electrostatic Discharge (ESD) above 25 000 V
• Non Inductive, Non Capacitive Design
• Rise Time: 1.0 ns without ringing
• Current Noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage Coefficient: < 0.1 ppm/V
• Non Inductive: 0.08 µH
• Non Hot Spot Design
• Terminal Finishes Available:
Lead (Pb)-free
Tin/Lead Alloy
• Any value available within resistance range (e.g. 1K234)
• Prototype samples available from 48 hours. For more
information, please contact foil@vishay.com
• For better performances, please see VCS300 series
datasheet
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
FIGURE 1 - DIMENSIONS AND SCHEMATIC in inches (millimeters)
Models VCS201, VCS202 and VCS232
MODEL
L
(Maximum)
H
(Maximum)
W
(Maximum)
LL
(Minimum)
LS
± 0.020 (± 0.51)
LT
± 0.020 (± 0.51)
D1
(Nominal)
D2
(Nominal)
VCS201
1.060 (26.92)
0.374 (9.50)
0.177 (4.50)
0.500 (12.7)
0.530 (13.46)
0.925 (23.5)
0.032 (0.81)
0.025 (0.64)
VCS202,
VCS232
1.240 (31.5)
0.512 (13.0)
0.177 (4.50)
0.500 (12.7)
0.689 (17.5)
1.083 (27.51)
0.040 (1.02)
0.032 (0.81)
LT
H
L
W
LL
D
1
LS
D
2
Solder coated
copper leads
I1
E1
E2
I2
R
V
I
I
TABLE 1 - CHARACTERISTICS
MODEL NUMBER
RESISTANCE
RANGE
TIGHTEST RESISTANCE
TOLERANCE %
TCR (ppm/°C)
0 °C to + 60 °C
MAXIMUM
CURRENT - Amp
POWER RATING
at + 25 °C
VCS201 & VCS202
0.005
Ω to 0.01 Ω
± 1
± 30
10
1.5 W
> 0.01
Ω to 0.05 Ω
± 0.5
± 25
> 0.05
Ω to 0.2 Ω
± 0.1
± 15
15
2 W
VCS232
0.2
Ω to 1.0 Ω
± 0.05
± 15
3
2 W
> 1
Ω to 10 Ω
± 0.05
± 5
> 10
Ω to 500 Ω
± 0.02
± 5


Similar Part No. - VCS232

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
16-Apr-07
More results

Similar Description - VCS232

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
31-Oct-07
VCS301 VISHAY-VCS301 Datasheet
162Kb / 4P
Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
26-Jun-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
07-Nov-07
VPR5 VISHAY-VPR5 Datasheet
86Kb / 3P
Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
05-Jun-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
12-Jul-07
VSH VISHAY-VSH Datasheet
133Kb / 4P
Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
27-Aug-08
VSR VISHAY-VSR Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
16-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
14-Nov-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
25-Oct-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com