Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA779 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BA779
Description  RF PIN Diodes - Single in SOT23
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA779 Datasheet(HTML) 2 Page - Vishay Siliconix

  BA779 Datasheet HTML 1Page - Vishay Siliconix BA779 Datasheet HTML 2Page - Vishay Siliconix BA779 Datasheet HTML 3Page - Vishay Siliconix BA779 Datasheet HTML 4Page - Vishay Siliconix BA779 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85532
Rev. 1.7, 19-Feb-07
BA779/BA779S
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 20 mA
VF
1000
mV
Reverse current
VR = 30 V
IR
50
nA
Diode capacitance
f = 100 MHz, VR = 0
CD
0.5
pF
Differential forward resistance
f = 100 MHz, IF = 1.5 mA
rf
50
Ω
Reverse impedance
f = 100 MHz, VR = 0
BA779
zr
5k
Ω
BA779S
zr
9k
Ω
Minority carrier lifetime
IF = 10 mA, IR = 10 mA
τ
4µs
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Differential Forward Resistance vs. Forward Current
0
0.4
0.8
1.2
1.6
0.01
0.1
1
10
100
2.0
95 9735
VF - Forward Voltage (V)
Tamb = 25 °C
Scattering Limit
0.001
0.01
0.1
1
1
10
100
1000
10000
10
95 9734
IF - Forward Current (mA)
f>20MHz
Tj =25 °C
Figure 3. Typ. Cross Modulation Distortion vs. Frequency f2
- 80
- 60
- 40
- 20
0
20
f2 , modulated with 200 kHz, m = 100 % (MHz)
80
60
40
20
0
95 9733
- Circuit with 10 dB Attenuation
V0 =40dBmV
f1 = 100 MHz unmodulated
Π



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com