Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7402 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7402
Description  CARRADIO SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 24Page - STMicroelectronics TDA7402 Datasheet HTML 25Page - STMicroelectronics TDA7402 Datasheet HTML 26Page - STMicroelectronics TDA7402 Datasheet HTML 27Page - STMicroelectronics TDA7402 Datasheet HTML 28Page - STMicroelectronics TDA7402 Datasheet HTML 29Page - STMicroelectronics TDA7402 Datasheet HTML 30Page - STMicroelectronics TDA7402 Datasheet HTML 31Page - STMicroelectronics TDA7402 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
TDA7402
28/59
2.3.4 ACI ( Adjacent Channel Interference )
measured with: 90% mono signal; 9% pilot signal; fm=1kHz; 1% spurious signal ( fS = 110kHz or 186kHz, un-
modulated).
2.4 NOISE BLANKER PART
2.4.1 Features:
s
AM and FM mode
s
internal 2nd order 140kHz high-pass filter for MPX path
s
internal rectifier and filters for AM-IF path
s
programmable trigger thresholds
s
trigger threshold dependent on high frequency noise with programmable gain
s
additional circuits for deviation- and fieldstrength-dependent trigger adjustment
s
4 selectable pulse suppression times for each mode
s
programmable noise rectifier charge/discharge current
2.4.2 ELECTRICAL CHARACTERISTICS
All parameters measured in FM mode if not otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VTR
Trigger Threshold 1)
meas.with
VPEAK=0.9V
111
30
mVOP
110
35
mV
OP
101
40
mV
OP
100
45
mVOP
011
50
mVOP
010
55
mVOP
001
60
mVOP
000
65
mVOP
VTRNOISE
noise controlled
Trigger Threshold
meas.with
VPEAK=1.5V
00
260
mVOP
01
220
mV
OP
10
180
mVOP
11
140
mVOP
VRECT
Rectifier Voltage
VMPX=0mV
0.9
V
VMPX=50mV, f=150kHz
1.7
V
VMPX=200mV, f=150kHz
3.5
V
α114
V
O s ignal
() at1kHz
()
V
O s pur iou s
() at4kHz
()
--------------------------------------------------------------- -f
s
;
110k Hz
3 38kH z
⋅
()
–
==
α190
V
O s ignal
() at1kHz
()
V
O s pur iou s
() at4kHz
()
--------------------------------------------------------------- -f
s
;
186k Hz
5 38kH z
⋅
()
–
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com