Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

591D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 591D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D Datasheet(HTML) 4 Page - Vishay Siliconix

  591D_08 Datasheet HTML 1Page - Vishay Siliconix 591D_08 Datasheet HTML 2Page - Vishay Siliconix 591D_08 Datasheet HTML 3Page - Vishay Siliconix 591D_08 Datasheet HTML 4Page - Vishay Siliconix 591D_08 Datasheet HTML 5Page - Vishay Siliconix 591D_08 Datasheet HTML 6Page - Vishay Siliconix 591D_08 Datasheet HTML 7Page - Vishay Siliconix 591D_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
591D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile, Low ESR,
Conformal Coated, Maximum CV
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40012
100
Revision: 23-Jan-08
Note
* Preliminary values, contact factory for availability. For 10 % tolerance, specify “9”; for 20 % tolerance, change to ”0”
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER*
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
MAX. ESR
AT+ 25 °C
100 kHz (
Ω)
MAX. RIPPLE
100 kHz
Irms (A)
6.3 WVDC AT + 85 °C, SURGE = 8 V . . . 4 WVDC AT + 125 °C, SURGE = 5 V
330
D
591D337X_6W3D2_20H
20.8
8
0.060
1.52
330
C
591D337X_6R3C2_20H
20.8
8
0.070
1.25
470
C
591D477X_6R3C2_20H
29.6
10
0.060
1.35
470
C
591D477X06R3C2_16H
29.6
14
0.080
1.12
470
R
591D477X_6R3R2_20H
29.6
10
0.045
1.97
470
R
591D477X_6W3R2_20H
29.6
10
0.045
1.97
470
D
591D477X_6R3D2_20H
29.6
10
0.085
1.28
680
R
591D687X_6R3R2_20H
42.8
10
0.060
1.87
680
R
591D687X_6R3R2_16H
42.8
10
0.060
1.87
1000
R
591D108X_6R3R2_20H
63
20
0.075
1.52
1500
R
591D158X06R3R2_20H
95
33
0.06
1.71
10 WVDC AT + 85 °C, SURGE = 13 V . . . 7 WVDC AT + 125 °C, SURGE = 8 V
10
A
591D106X_010A2_15H
1.0
6
1.300
0.24
10
B
591D106X_010B2_15H
1.0
6
0.850
0.31
22
A
591D226X_010A2_13H
2.2
6
0.800
0.27
22
A
591D226X_010A2_15H
2.2
6
0.900
0.26
22
B
591D226X_010B2_15H
2.2
6
0.800
0.32
22
C
591D226X_010C2_15H
2.2
6
0.200
0.74
33
C
591D336X_010C2_15H
3.3
6
0.200
0.74
33
D
591D336X_010D2_15H
3.3
6
0.140
1.04
47
D
591D476X_010D2_15H
4.7
6
0.140
1.04
47
R
591D476X_010R2_15H
4.7
6
0.120
1.17
68
C
591D686X_010C2_15H
6.8
6
0.190
0.76
68
D
591D686X_010D2_15H
6.8
6
0.130
1.15
68
R
591D686X_010R2_15H
6.8
6
0.110
1.22
100
B
591D107X_010B2T20H
10.0
14
0.250
0.57
100
C
591D107X_010C2_20H
10.0
8
0.085
1.13
100
D
591D107X_010D2_15H
10.0
8
0.130
1.07
150
D
591D157X_010D2_20H
15.0
8
0.075
1.37
150
D
591D157X_010D2_15H
15.0
8
0.120
1.02
150
C
591D157X_010C2_15H
15.0
8
0.083
1.17
150
C
591D157X_010C2_20H
15.0
8
0.080
1.17
220
R
591D227X_010R2_20H
22.0
8
0.055
1.78
220
D
591D227X_010D2_20H
22.0
8
0.065
1.47
330
D
591D337X_010D2_20H
33.0
8
0.060
1.53
330
R
591D337X_010R2_20H
33.0
8
0.050
1.87
330
R
591D337X_010R2_18H
33.0
8
0.050
1.87
16 WVDC AT + 85 °C, SURGE = 20 V . . . 10 WVDC AT + 125 °C, SURGE = 12 V
4.7
A
591D475X_016A2_15H
0.8
6
1.750
0.19
6.8
A
591D685X_016A2_15H
1.1
6
1.750
0.19
10
B
591D106X_016B2_15H
1.6
6
0.800
0.32
10
C
591D106X_016C2_15H
1.6
6
0.500
0.45
15
B
591D156X_016B2_15H
2.4
6
0.700
1.07
15
D
591D156X_016D2_15H
2.4
6
0.250
0.77
22
C
591D226X_016C2_15H
3.5
6
0.240
0.67
22
D
591D226X_016D2_15H
3.5
6
0.180
0.91
33
C
591D336X_016C2_15H
5.3
6
0.180
0.74
33
D
591D336X_016D2_15H
5.3
6
0.170
0.94
33
R
591D336X_016R2_15H
5.3
6
0.140
1.08
47
R
591D476X_016R2_15H
7.5
6
0.130
1.12
47
C
591D476X_016C2_20H
7.5
6
0.180
0.78



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com