Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7403 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 7403
Description  BASIC SIGNAL PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7403 Datasheet(HTML) 3 Page - STMicroelectronics

  7403 Datasheet HTML 1Page - STMicroelectronics 7403 Datasheet HTML 2Page - STMicroelectronics 7403 Datasheet HTML 3Page - STMicroelectronics 7403 Datasheet HTML 4Page - STMicroelectronics 7403 Datasheet HTML 5Page - STMicroelectronics 7403 Datasheet HTML 6Page - STMicroelectronics 7403 Datasheet HTML 7Page - STMicroelectronics 7403 Datasheet HTML 8Page - STMicroelectronics 7403 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PIN DESCRIPTION
N.
Name
Function
Type
1
CASSR
Cassette Input Right
I
2
CASSL
Cassette Input Left
I
3
n.c.
not connected
4
n.c.
not connected
5
n.c.
not connected
6
n.c.
not connected
7
n.c.
not connected
8
AM
AM Input
I
9
MPX
FM Input (MPX)
I
10
LEVEL
Level Input Stereodecoder
I
11
SM
Soft Mute Drive
I
12
SCL
I
2C Clock Line
I/O
13
SDA
I
2C Data Line
I/O
14
GND
Supply Ground
S
15
VS
Supply Voltage
S
16
OUTRR
Right Rear Speaker Output
O
17
OUTLR
Left Rear Speaker Output
O
18
OUTRF
Right Front Spaeaker Output
O
19
OUTLF
Left Front Speaker Output
O
20
CREF
Reference Capacitor Pin
S
(1) See input configuration tree and databyte specification ”configuration”
Pin type legenda:
I = Input
O = Output
I/O = Input/Output
S = Supply
TDA7403
3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com