Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB4045CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBRB4045CT
Description  Schottky Rectifier, 2 x 20 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB4045CT Datasheet(HTML) 2 Page - Vishay Siliconix

  MBRB4045CT Datasheet HTML 1Page - Vishay Siliconix MBRB4045CT Datasheet HTML 2Page - Vishay Siliconix MBRB4045CT Datasheet HTML 3Page - Vishay Siliconix MBRB4045CT Datasheet HTML 4Page - Vishay Siliconix MBRB4045CT Datasheet HTML 5Page - Vishay Siliconix MBRB4045CT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93981
2
Revision: 21-Aug-08
MBRB4045CT/MBR4045CT-1
Vishay High Power Products Schottky Rectifier, 2 x 20 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM (1)
20 A
TJ = 25 °C
0.60
V
40 A
0.78
20 A
TJ = 125 °C
0.58
40 A
0.75
Maximum instantaneous
reverse current
IRM (1)
TJ = 25 °C
Rated DC voltage
1
mA
TJ = 100 °C
50
TJ = 125 °C
95
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
900
pF
Typical series inductance
LS
Measured from top of terminal to mounting plane
8.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction temperature range
TJ
- 65 to 150
°C
Maximum storage temperature range
TStg
- 65 to 175
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
1.5
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
(Only for TO-262)
0.50
Maximum thermal resistance,
junction to ambient
RthJA
DC operation
(For D2PAK and TO-262)
50
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
Non-lubricated threads
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style D2PAK
MBRB4045CT
Case style TO-262
MBR4045CT-1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com