Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7437 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7437
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7437 Datasheet HTML 1Page - STMicroelectronics TDA7437 Datasheet HTML 2Page - STMicroelectronics TDA7437 Datasheet HTML 3Page - STMicroelectronics TDA7437 Datasheet HTML 4Page - STMicroelectronics TDA7437 Datasheet HTML 5Page - STMicroelectronics TDA7437 Datasheet HTML 6Page - STMicroelectronics TDA7437 Datasheet HTML 7Page - STMicroelectronics TDA7437 Datasheet HTML 8Page - STMicroelectronics TDA7437 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
AVDD,DVDD
Operating Supply Voltage
10.5
V
Tamb
Operating Ambient Temperature
-40 to 85
°C
Tstg
Storage Temperature Range
-55 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-pins
Max.
150
°C/W
QUICK REFERENCE DATA
Symbol
Parameter
Min.
Typ.
Max.
Unit
AVDD,DVDD
Supply Voltage (AVDD and DVDD must be at the same potential)
6
9
10.2
V
VCL
Max. input signal handling
2.1
2.6
Vrms
THD
Total Harmonic Distortion V = 1Vrms f = 1KHz
0.01
0.8
%
S/N
Signal to Noise Ratio
111
dB
SC
Channel Separation f = 1KHz
95
dB
Input Gain 1dB step
0
15
dB
Volume Control 1dB step
-63
16
dB
Treble Control 2dB step
-14
+14
dB
Bass Control 2dB step
-14
+14
dB
Middle Control 2dB step
-14
+14
dB
Fader and Balance Control 1dB step
-79
0
dB
Loudness Control 1dB step
0
20
dB
Mute Attenuation
100
dB
TDA7437
2/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com