Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSH41 Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSH41
Description  BIPOLAR HALL EFFECT POSITION SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSH41 Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSH41 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BIPOLAR HALL EFFECT POSITION SENSOR
2007-1-24
2/5
FSH41
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Minimum Operating Voltage
Vcc
No use pin is open(Fig1)
3.0
V
Maximum Operating Voltage
Vcc
No use pin is open(fig1)
20.0
V
Quiescent Supply current
Icc
No use pin is open
Vcc:3.0V~20V(Fig1)
3.7
10
mA
Output Saturation Voltage
VSAT
Vcc=12V,Io=50mA(Fig1)
400
500
mV
Note: Fig1 The IC output state is under N magnetic field.
OUTPUT SATURATION VOLTAGE VS. OUTPUT CURRENT (IO) VCC=12V, TEMP. =25℃
Output Current (Io) Unit: mA
Saturation Voltage Unit: V
Note
5
0.05
15
0.13
25
0.19
35
0.27
45
0.35
50
0.40
AC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Rise time
(tr)
RL=820Ω CL=20pF(Fig1)
0.2
µS
Fall time
(tf)
RL=820Ω CL=20pF(Fig1)
0.5
µS
MAGNETIC CHARACTERISTICS
FSH41
Ta=-40℃
~+150℃
Parameter
Min.
Max.
Unit
Bop
+70
G
Brp
-70
G
Bhys
140
G
Magnetic flux density
0
N
S
Vsat
Brp
Bop
Bh
L
H
Vd
Vcc
Vout
S
Mark
N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com