Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSH41MF Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSH41MF
Description  BIPOLAR HALL EFFECT POSITION SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSH41MF Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSH41MF Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41MF Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41MF Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41MF Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41MF Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BIPOLAR HALL EFFECT POSITION SENSOR
2007-1-24
3/5
FSH41
Test Circuits
Fig1
TYPICAL APPLICATION CIRCUIT
Feedback"C"
10µF
Gate Bottom"A"
Oscillator Control
Gate Bottom"C"
0.1µF
Rosc
22Ω
0.1µF
16
Vref
Feedback"A"
10µF
5
Gate Top"A"
11
Speed Adjust
VrefOut
20µF
Hall"C"Input
1
12
17
22Ω
UF4002
V+=40V
Gate Top"B"
22
Cap Boost"B"
BLDC Motor
10µF
500Ω
(3 Places)
H1
15
22Ω
3
Hall"B"Input
22Ω
15V
Hall"A"Input
1K
Gate Bottom"B"
Isense Resistor
0.1µF
14
9
Counter Reset
21
FWD/RE Input
Thermal Switch
22Ω
7
Gate Top"C"
H3
100µF
19
Supply Voltage
(+)CurrentLimit(Brake)
100µF
Brake
Vref
8
Power Ground
Foward/Reverse
0.1µF
1K
1KΩ
24
Cosc
Filter
Analog Ground
Cap Boost"C" 18
4
Speed Adjust Input
10KΩ
10
0.005µF
20
2
23
H2
Vref
(-)CurrentLimit(Reset)
Feedback"B"
6
13
22Ω
Cap Boost"A"
Vout
Vcc
FSH41
RL=820Ω
CL=20pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com