Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSH4913 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSH4913
Description  MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSH4913 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSH4913 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
FSH4913
2007-7-19
3/10
MAGNETIC CHARACTERISTICS
Note: If not other specified, typical characteristics apply at T
A = 25 °C and VDD = 2.7 V
TIMING DIAGRAM
Parameter
Symbol
Min.
Typ.
Max.
Unit
BOPS
40
55
70
G
Operate Points
(Output ON)
BOPN
-70
-55
-40
G
BRPS
30
45
60
G
Release Points
(Output OFF)
BRPN
-60
-45
-30
G
Hysteresis
BHYS
5
10
15
G
Latch
Output
t
Operating Time
TOP
TSTB
TOP
IDD
IDD(OP)
IDD(AVG)
IDD(STB)
56us
140ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com