Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP2133 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2133
Description  300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2133 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2133 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
2007-4-19
3/8
FSP2133
ELECTRICAL CHARACTERISTICS
(VIN = 4V, VO = 3V, CIN = 1µF, CO = 2.2µF, TA= 25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
Note1
5.5
V
Output Voltage
VO
1.2
5
V
Reference Voltage
VREF
1.235
V
Output Voltage Accuracy
VO
IO= 1mA
-2
+2
%
Output Current
IO
300
Note2
mA
Short Circuit Current
ISC
VO = 0V
150
mA
Ground Current
IGND
IO= 1mA to 300mA
70
90
µA
Quiescent Current
IQ
IO= 0mA
65
90
µA
Line Regulation
LNR
IO= 1mA, VIN =3V to 5V
-0.4
0.2
0.4
%/V
Load Regulation Error
LDR
IO = 1mA to 300mA
-1
0.2
1
%
Temperature Coefficient
TC
IO = 1mA
40
ppm/
°C
Over Temperature Shutdown
OTS
IO = 1mA
150
°C
Over Temperature Hystersis
OTH
IO = 1mA
30
°C
f=100Hz
67
f= 1KHz
65
Power Supply Ripple Rejection
PSRR
IO = 100mA
Vo =1.2V
f= 10KHz
42
dB
2.5
≤ VO < 3.3V
370
450
Dropout Voltage
VDO
IO = 300mA
VO ≥ 3.3V
180
230
mV
EN Input High Threshold
VIH
VIN = 2.5V to 5V
1.5
V
EN Input Low Threshold
VIL
VIN = 2.5V to 5V
0.3
V
Output Noise
Vn
f = 10Hz to 100kHz
50
µVRMS
Shutdown Current
ISD
VEN = 0V
0.01
1
µA
Note 1:The minimum input voltage of the FSP2133 is determined by output voltage and dropout voltage. The
minimum input voltage is defined as:
VIN(MIN)=VO+VDROP
Note 2:Output current is limited by PD, maximum IO=PD/(VIN(MAX)-VO)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com