Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7438D Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7438D
Description  THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7438D Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7438D Datasheet HTML 1Page - STMicroelectronics TDA7438D Datasheet HTML 2Page - STMicroelectronics TDA7438D Datasheet HTML 3Page - STMicroelectronics TDA7438D Datasheet HTML 4Page - STMicroelectronics TDA7438D Datasheet HTML 5Page - STMicroelectronics TDA7438D Datasheet HTML 6Page - STMicroelectronics TDA7438D Datasheet HTML 7Page - STMicroelectronics TDA7438D Datasheet HTML 8Page - STMicroelectronics TDA7438D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ELECTRICAL CHARACTERISTICS (continued.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
2.1
2.6
VRMS
RL
Output Load Resistance
2
K
RO
Output Impedance
10
40
70
VDC
DC Voltage Level
3.8
V
GENERAL (Gain, Bass, Treble, Middle Controls Flat)
ENO
Output Noise
All gains = 0dB;
BW = 20Hz to 20KHz flat
515
µV
Et
Total Tracking Error
(Volume + Speaker Attenuator)
AV = 0 to -24dB
0
1
dB
AV = -24 to -47dB
0
2
dB
AV = -47 to -79dB
0
3
dB
S/N
Signal to Noise Ratio
All gains 0dB; VO =1VRMS ;
90
106
dB
SC
Channel Separation Left/Right
80
100
dB
d
Distortion
AV =0; VI =1VRMS ;
0.01
0.08
%
BUS INPUT
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
VIN = 0.4V
-5
5
µA
0/30dB
2dB STEP
MUXOUTL
INL
VOLUME
VOLUME
TREBLE
TREBLE
TREBLE(L)
MIDDLE
MIDDLE
MUXOUTR
INR
TREBLE(R)
BOUT(L)
SPKR ATT
LEFT
LOUT
SCL
SDA
DIGGND
ROUT
D96AU490A
I
2CBUS DECODER + LATCHES
5.6nF
2.2
µF
100K
100K
100K
G
L-IN1
L-IN2
L-IN3
0.47
µF
0.47
µF
0.47
µF
100K
100K
100K
R-IN1
R-IN2
R-IN3
0.47
µF
0.47
µF
0.47
µF
G
INPUT MULTIPLEXER
+ GAIN
MOUT(L)
BASS
BIN(L)
18nF
22nF
100nF
100nF
2.7K
5.6K
BASS
SPKR ATT
RIGHT
MOUT(R)
BOUT(R)
BIN(R)
5.6nF
18nF
22nF
100nF
100nF
2.7K
5.6K
SUPPLY
10
µF
CREF
AGND
V
S
R
M
R
B
RM
RB
27
3
4
5
2
1
28
21
22
20
26
24
25
8
9
19
10
11
12
13
23
6
7
18
17
16
14
15
VREF
2.2
µF
TEST CIRCUIT
TDA7438
4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com