Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7439B Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7439B
Description  THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7439B Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7439B Datasheet HTML 1Page - STMicroelectronics TDA7439B Datasheet HTML 2Page - STMicroelectronics TDA7439B Datasheet HTML 3Page - STMicroelectronics TDA7439B Datasheet HTML 4Page - STMicroelectronics TDA7439B Datasheet HTML 5Page - STMicroelectronics TDA7439B Datasheet HTML 6Page - STMicroelectronics TDA7439B Datasheet HTML 7Page - STMicroelectronics TDA7439B Datasheet HTML 8Page - STMicroelectronics TDA7439B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
TDA7439
June 2004
1FEATURES
■
INPUT MULTIPLEXER
– 4 STEREO INPUTS
– SELECTABLE INPUT GAIN FOR OPTIMAL
ADAPTATION TO DIFFERENT SOURCES
■
ONE STEREO OUTPUT
■
TREBLE, MIDDLE AND BASS CONTROL IN
2.0dB STEPS
■
VOLUME CONTROL IN 1.0dB STEPS
■
TWO SPEAKER ATTENUATORS:
– TWO INDEPENDENT SPEAKER CONTROL
IN 1.0dB STEPS FOR BALANCE FACILITY
– INDEPENDENT MUTE FUNCTION
■
ALL FUNCTION ARE PROGRAMMABLE VIA
SERIAL BUS
2DESCRIPTION
The TDA7439 is a volume tone (bass, middle and
treble) balance (Left/Right) processor for quality
audio applications in car-radio and Hi-Fi systems.
Selectable input gain is provided. Control of all the
functions is accomplished by serial bus.
The AC signal setting is obtained by resistor net-
works and switches combined with operational
amplifiers.
Thanks to the used BIPOLAR/CMOS Technology,
Low Distortion, Low Noise and DC stepping are
obtained
THREE BANDS
DIGITALLY CONTROLLED AUDIO PROCESSOR
Figure 2. Block Diagram
0/30dB
2dB STEP
MUXOUTL
INL
VOLUME
VOLUME
TREBLE
TREBLE
TREBLE(L)
MIDDLE
MIDDLE
MUXOUTR
INR
TREBLE(R)
BOUT(L)
SPKR ATT
LEFT
LOUT
SCL
SDA
DIG_GND
ROUT
D95AU342B
I
2CBUS DECODER + LATCHES
100K
100K
100K
100K
G
L-IN1
L-IN2
L-IN3
L-IN4
100K
100K
100K
100K
R-IN1
R-IN2
R-IN3
R-IN4
G
INPUT MULTIPLEXER
+ GAIN
MOUT(L)
BASS
BIN(L)
BASS
SPKR ATT
RIGHT
MIN(R) MOUT(R)
BOUT(R)
BIN(R)
SUPPLY
CREF
AGND
VS
MIN(L)
6
11
12
13
14
10
9
8
7
30
1
29
5
3
4
17
18
28
19
20
21
22
2
15
16
27
26
25
23
24
RM
RB
RM
RB
VREF
REV. 10
Figure 1. Package
Table 1. Order Codes
Part Number
Package
TDA7439
SDIP30
SDIP30


Similar Part No. - TDA7439B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7439 STMICROELECTRONICS-TDA7439 Datasheet
299Kb / 23P
Three-band digitally-controlled audio processor
21-Mar-2008
TDA7439DS STMICROELECTRONICS-TDA7439DS Datasheet
140Kb / 16P
THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7439DS STMICROELECTRONICS-TDA7439DS Datasheet
319Kb / 23P
Three-band digitally-controlled audio processor
20-Nov-2007
TDA7439DS13TR STMICROELECTRONICS-TDA7439DS13TR Datasheet
319Kb / 23P
Three-band digitally-controlled audio processor
20-Nov-2007
TDA7439DS STMICROELECTRONICS-TDA7439DS_07 Datasheet
319Kb / 23P
Three-band digitally-controlled audio processor
20-Nov-2007
More results

Similar Description - TDA7439B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7438 STMICROELECTRONICS-TDA7438 Datasheet
150Kb / 17P
THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7439DS STMICROELECTRONICS-TDA7439DS Datasheet
140Kb / 16P
THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7468D STMICROELECTRONICS-TDA7468D Datasheet
173Kb / 22P
TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
Jun-2004
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
Digitally controlled audio processor
Dec-2006
TDA7438 STMICROELECTRONICS-TDA7438_04 Datasheet
198Kb / 19P
THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7439 STMICROELECTRONICS-TDA7439_08 Datasheet
299Kb / 23P
Three-band digitally-controlled audio processor
21-Mar-2008
TDA7439DS STMICROELECTRONICS-TDA7439DS_07 Datasheet
319Kb / 23P
Three-band digitally-controlled audio processor
20-Nov-2007
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
Digitally Controlled Audio Processor
logo
STMicroelectronics
TDA7468 STMICROELECTRONICS-TDA7468 Datasheet
254Kb / 23P
TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
30-Apr-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com