Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCL103B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MCL103B
Description  Small Signal Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCL103B Datasheet(HTML) 3 Page - Vishay Siliconix

  MCL103B Datasheet HTML 1Page - Vishay Siliconix MCL103B Datasheet HTML 2Page - Vishay Siliconix MCL103B Datasheet HTML 3Page - Vishay Siliconix MCL103B Datasheet HTML 4Page - Vishay Siliconix MCL103B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MCL103A / 103B / 103C
Document Number 85632
Rev. 1.5, 07-Mar-06
Vishay Semiconductors
www.vishay.com
3
Package Dimensions in mm (Inches)
Figure 5. Typ. Non Repetitive Forward Surge Current vs. Pulse
width
0
5
10
15
20
25
0.1
1.0
10.0
tp –Pulse width (ms)
16769
ISO Method E
9612072
2.8 (0.110)
0.9 (0.035)
0.9 (0.035)
Reflow Soldering
Wave Soldering
1.0 (0.039)
Cathode indification
1 (0.039) surface plan
2.0 (0.079)
1.8 (0.071)
0.25 (0.010)
0.15 (0.006)
Glass case
MicroMELF
> R 2.5 (R 0.098)
Glass
Document No.: 6.560-5007.01-4
Rev. 11, 07.Feb.2005
2.4 (0.094)
0.8 (0.031)
0.8 (0.031)
0.8 (0.031)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com