Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP2161D09AD Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2161D09AD
Description  1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2161D09AD Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2161D09AD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161D09AD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161D09AD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161D09AD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161D09AD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161D09AD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161D09AD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161D09AD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161D09AD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
2007-12-6
2/12
FSP2161
TYPICAL APPLICATIONS CIRCUITS
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Input Supply Voltage
+4
V
Maximum Output Current
PD/(VIN-VO)
Output Pin Voltage
-0.3 to VIN+0.3
V
Internal Power Dissipation
1200
mW
Junction to Case Thermal Resistance (
θJC)
7
℃
/ W
Junction to Ambient Thermal Resistance (
θJA)
90
℃
/ W
Operating temperature
-40 to 85
°C
Operating Junction Temperature
-40 to 125
°C
Storage Temperature
-65 to 150
°C
Maximum Junction Temperature
150
°C
Lead Temperature (Soldering, 5 sec)
300
°C
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings
for prolonged time periods may affect device reliability. All voltages are with respect to ground.
RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
Input Supply Voltage
1.4 to 3.6
V
Operating temperature
-40 to 85
°C
Operating Junction Temperature
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com