Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7440 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7440
Description  TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7440 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7440 Datasheet HTML 1Page - STMicroelectronics TDA7440 Datasheet HTML 2Page - STMicroelectronics TDA7440 Datasheet HTML 3Page - STMicroelectronics TDA7440 Datasheet HTML 4Page - STMicroelectronics TDA7440 Datasheet HTML 5Page - STMicroelectronics TDA7440 Datasheet HTML 6Page - STMicroelectronics TDA7440 Datasheet HTML 7Page - STMicroelectronics TDA7440 Datasheet HTML 8Page - STMicroelectronics TDA7440 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
TDA7440D
Table 5. Electrical Characteristcs
Refer to the test circuit Tamb = 25°C, VS = 9V, RL = 10KΩ, RG = 600Ω, all controls flat (G = 0dB), unless
otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
6
9
10.2
V
IS
Supply Current
4
7
10
mA
SVR
Ripple Rejection
60
90
dB
INPUT STAGE
RIN
Input Resistance
70
100
130
K
VCL
Clipping Level
THD = 0.3%
2
2.5
Vrms
SIN
Input Separation
The selected input is grounded
through a 2.2
µ capacitor
80
100
dB
Ginmin
Minimum Input Gain
-1
0
1
dB
Ginman
Maximum Input Gain
29
30
31
dB
Gstep
Step Resolution
1.5
2
2.5
dB
VOLUME CONTROL
Ri
Input Resistance
20
33
50
K
CRANGE
Control Range
45
47
49
dB
AVMAX
Max. Attenuation
45
47
49
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
AV = 0 to -24dB
-1.0
0
1.0
dB
AV = -24 to -47dB
-1.5
0
1.5
dB
ET
Tracking Error
AV = 0 to -24dB
0
1
dB
AV = -24 to -47dB
0
2
dB
VDC
DC Step
adjacent attenuation steps from
0dB to AV max
0
0.5
3mV
mV
Amute
Mute Attenuation
80
100
dB
BASS CONTROL (1)
Gb
Control Range
Max. Boost/cut
+12.0
+14.0
+16.0
dB
BSTEP
Step Resolution
1
2
3
dB
RB
Internal Feedback Resistance
33
44
55
K
TREBLE CONTROL (1)
Gt
Control Range
Max. Boost/cut
+13.0
+14.0
+15.0
dB
TSTEP
Step Resolution
1
2
3
dB
SPEAKER ATTENUATORS
CRANGE
Control Range
70
76
82
dB
SSTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
AV = 0 to -20dB
-1.5
0
1.5
dB
AV = -20 to -56dB
-2
0
2
dB
VDC
DC Step
adjacent attenuation steps
0
3
mV
Amute
Mute Attenuation
80
100
dB
NOTE1:
1) The device is functionally good at Vs = 5V. a step down, on Vs, to 4V does’t reset the device.
2) BASS and TREBLE response: The center frequency and the response quality can be chosen by the external circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com