Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7442 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 7442
Description  TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7442 Datasheet(HTML) 2 Page - STMicroelectronics

  7442 Datasheet HTML 1Page - STMicroelectronics 7442 Datasheet HTML 2Page - STMicroelectronics 7442 Datasheet HTML 3Page - STMicroelectronics 7442 Datasheet HTML 4Page - STMicroelectronics 7442 Datasheet HTML 5Page - STMicroelectronics 7442 Datasheet HTML 6Page - STMicroelectronics 7442 Datasheet HTML 7Page - STMicroelectronics 7442 Datasheet HTML 8Page - STMicroelectronics 7442 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TDA7442 - TDA7442D
2/17
Figure 3. Block Diagram (TDA7442)
Figure 4. Block Diagram (TDA7442D)
L-IN1
5
6
7
8
2
1
32
31
4
1113
1827
2826
22
14
13
29
23
25
24
30
17
16
20
19
310
9
L-R
0.47
µF
SUPPLY
VS
CREF
TREBLE
BASS
BIN(L)
MUTE
D98AU947B
I2C BUS DECODER + LATCHES
SPKR
ATT
TREBLE
BASS
5.6nF
MUTE
SPKR
ATT
SCL
SDA
DIG GND
ROUT
LOUT
22
µF
+
-
+
-
+
R-IN4
0.47
µF
50K
PS1
90Hz
100nF
PS1
RPS1
SYMULATED
MUSIC
MUSIC/
SYMULATED
OFF
MIXING
AMP
LPF
9KHz
EFFECT
CONTROL
MIXING
AMP
1.2nF
LP
TREBLE-R
5.6nF
TREBLE-L
100nF
5.6K
100nF
BOUT(L)
100nF
100nF
5.6K
BIN(R)
BOUT(R)
79dB CONTROL
+
-
79dB CONTROL
50K
0.47
µF
50K
0.47
µF
50K
0.47
µF
50K
0.47
µF
50K
0.47
µF
50K
0.47
µF
50K
31.5dB
control
R-IN3
R-IN2
R-IN1
31.5dB
control
L-IN2
L-IN3
L-IN4
Vref
OFF
SURR
OFF
SURR
RB
FIX
FIX
VAR
RB
FIX
VAR
L+R
30K
30K
2.2
µF
2.2
µF
MUXOUT(R)
MONITOR(L)
MONITOR(R)
MUXOUT(L)
L-IN1
4
5
6
7
3
2
1
28
10
11
16
24
25
23
19
12
13
26
20
22
21
27
15
14
18
17
9
8
L-R
0.47
µF
SUPPLY
VS
CREF
TREBLE
BASS
BIN(L)
MUTE
D01AU1248
I2C BUS DECODER + LATCHES
SPKR
ATT
TREBLE
BASS
5.6nF
MUTE
SPKR
ATT
SCL
SDA
DIG GND
ROUT
LOUT
22
µF
+
-
+
-
+
R-IN4
0.47
µF
50K
PS1
90Hz
100nF
PS1
RPS1
SYMULATED
MUSIC
MUSIC/
SYMULATED
OFF
MIXING
AMP
LPF
9KHz
EFFECT
CONTROL
MIXING
AMP
1.2nF
LP
TREBLE-R
5.6nF
TREBLE-L
100nF
5.6K
100nF
BOUT(L)
100nF
100nF
5.6K
BIN(R)
BOUT(R)
79dB CONTROL
+
-
79dB CONTROL
50K
0.47
µF
50K
0.47
µF
50K
0.47
µF
50K
0.47
µF
50K
0.47
µF
50K
0.47
µF
50K
31.5dB
control
R-IN3
R-IN2
R-IN1
31.5dB
control
L-IN2
L-IN3
L-IN4
Vref
OFF
SURR
OFF
SURR
RB
FIX
FIX
VAR
RB
FIX
VAR
L+R
30K
30K
2.2
µF
2.2
µF
MUXOUT(R)
MUXOUT(L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com