Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17AR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFS17AR
Description  Silicon NPN Planar RF Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFS17AR Datasheet(HTML) 2 Page - Vishay Siliconix

  BFS17AR Datasheet HTML 1Page - Vishay Siliconix BFS17AR Datasheet HTML 2Page - Vishay Siliconix BFS17AR Datasheet HTML 3Page - Vishay Siliconix BFS17AR Datasheet HTML 4Page - Vishay Siliconix BFS17AR Datasheet HTML 5Page - Vishay Siliconix BFS17AR Datasheet HTML 6Page - Vishay Siliconix BFS17AR Datasheet HTML 7Page - Vishay Siliconix BFS17AR Datasheet HTML 8Page - Vishay Siliconix BFS17AR Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 85039
Rev. 1.6, 08-Sep-08
BFS17A / BFS17AR / BFS17AW
Vishay Semiconductors
Maximum Thermal Resistance
1) on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35
μm Cu
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
1)
RthJA
450
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter cut-off current
VCE = 25 V, VBE = 0
ICES
100
μA
Collector-base cut-off current
VCB = 10 V, IE = 0
ICBO
100
nA
Emitter-base cut-off current
VEB = 2.5 V, IC = 0
IEBO
10
μA
Collector-emitter breakdown
voltage
IC = 1 mA, IB = 0
V(BR)CEO
15
V
Collector-emitter saturation
voltage
IC = 20 mA, IB = 2 mA
VCEsat
0.1
0.6
V
DC forward current transfer ratio VCE = 1 V, IC = 2 mA
hFE
20
100
150
VCE = 1 V, IC = 25 mA
hFE
20
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Transition frequency
VCE = 5 V, IC = 2 mA,
f = 300 MHz
fT
1.5
GHz
VCE = 5 V, IC = 14 mA,
f = 300 MHz
fT
3.5
GHz
VCE = 5 V, IC = 30 mA,
f = 300 MHz
fT
33.2
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
0.6
pF
Collector-emitter capacitance
VCE = 5 V, f = 1 MHz
Cce
0.1
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
1.1
pF
Noise figure
VCE = 5 V, IC = 2 mA,
ZS = 50 Ω, f = 800 MHz
F2.5
dB
Power gain
VCE = 10 V, IC = 14 mA,
ZS = 50 Ω, f = 800 MHz
Gpe
13
dB
Linear output voltage - two tone
intermodulation test
VCE = 10 V, IC = 14 mA,
dIM = 60 dB, f1 = 806 MHz,
f2 = 810 MHz, ZS = ZL = 50 Ω
V1 = V2
150
mV
Third order intercept point
VCE = 10 V, IC = 14 mA,
f = 800 MHz
IP3
23.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com