Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP2162 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2162
Description  1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2162 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2162 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
2007-12-6
3/11
FSP2162
ELECTRICAL CHARACTERISTICS
(VOUT = VIN + 0.5V, CIN = 1µF, CO = 2.2µF, TA= 25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
Note1
3.6
V
Output Voltage Accuracy
VO
IO= 100mA
-2
+2
%
Short Circuit Current
ISC
VO < 0.3V
1.0
A
Ground Current
IGND
IO= 1mA to 1.5A
600
µA
Quiescent Current
IQ
IO= 0mA
90
150
µA
IO= 10mA, VO ≤ 2.5V
VIN =VO + 0.5V to VO + 1.5V
0.5
1
Line Regulation
LNR
IO= 10mA, VO>2.5V
VIN = 3.3V to 3.6V
0.5
1
%/V
Load Regulation Error
LDR
IO = 1mA to 1.5A
0.5
2
%/A
Temperature Coefficient
TC
40
ppm/
°C
Over Temperature Shutdown
OTS
150
°C
Over Temperature Hystersis
OTH
50
°C
f=100Hz
55
f= 1KHz
55
Power Supply Ripple Rejection
PSRR
IO = 100mA
Vo =1.5V
f= 10KHz
35
dB
VO= 0.9V
330
500
VO= 1.0V
220
400
1.2V
≤ VO < 2.5V
50
200
IO = 500mA
VO ≥ 2.5V
40
150
VO= 0.9V
330
500
VO= 1.0V
220
400
1.2V
≤ VO < 2.5V
150
350
Dropout Voltage
VDROP
IO = 1.5A
VO ≥ 2.5V
120
300
mV
Output Noise
Vn
f = 10Hz to 100kHz
40
µVRMS
Note 1:The minimum input voltage of the FSP2162 is determined by output voltage and dropout voltage. The
minimum input voltage is defined as:
VIN(MIN)=VO+VDROP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com