Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP2200CALZ Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2200CALZ
Description  3 PIN MICROPROCESSOR RESET MONITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2200CALZ Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2200CALZ Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200CALZ Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200CALZ Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200CALZ Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200CALZ Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200CALZ Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200CALZ Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3 PIN MICROPROCESSOR RESET MONITORS
FSP2200
2007-2-8
2/7
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
VCC
-0.3 to 6.0
VRESET(push-pull)
-0.3 to (VCC + 0.3)
Terminal Voltage
(with respect to GND)
VRESET(push-drain)
-0.3 to 6.0
V
Output Current, RESET
20
mA
Rate of Rise, VCC
100
V/µs
SOT323-3L
174
Continuous Power Dissipation(TA=70°C)
SOT23-3L
320
mW
SOT323-3L
-40 to +125
Operating Temperature Range
SOT23-3L
-40 to +105
°C
Storage Temperature Range
Tstg
-65 to +150
°C
Lead Temperature (Soldering, 10 Seconds)
TL
300
°C
ELECTRICAL CHARACTERISTICS
(Vcc=full range, TA = -40°C to +105°C(SOT23) or TA = -40°C to +125°C(SOT323)unless otherwise noted.)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
TA=0°C to +70
1.0
5.5
TA=-40°C to +105°C(SOT23)
1.2
5.5
Vcc Range
TA=-40°C to +125°C(SOT323)
1.2
5.5
V
VCC<5.5V,FSP2200-4.63/4.38
24
60
TA=-40°C
to +85°C
VC<3.6V,
FSP2200-2.32/2.63/2.93/3.08
17
50
VCC<5.5V,FSP2200-4.63/4.38
100
Supply
Current(SOT23)
ICC
TA=+85°C
to +105°C
VCC<3.6V,
FSP2200-2.32/2.63/2.93/3.08
100
VCC<5.5V,FSP2200-4.63/4.38
24
35
TA=-40°C
to +85°C
VCC<3.6V,
FSP2200-2.32/2.63/2.93/3.08
17
30
VCC<5.5V,FSP2200-4.63/4.38
60
Supply
Current(SOT323)
ICC
TA=+85°C
to +125°C
VCC<3.6V,
FSP2200-2.32/2.63/2.93/3.08
60
μ
A
TA=+25°C
4.56
4.63
4.70
TA=-40°C to +85°C
4.50
4.75
FSP2200-
4.63
TA=-40°C to +105°C
4.40
4.86
TA=+25°C
4.31
4.38
4.45
TA=-40°C to +85°C
4.25
4.50
FSP2200-
4.38
TA=-40°C to +105°C
4.16
4.56
TA=+25°C
3.93
4.00
4.06
TA=-40°C to +85°C
3.89
4.10
FSP2200-
4.00
TA=-40°C to +105°C
3.80
4.20
TA=+25°C
3.04
3.08
3.11
TA=-40°C to +85°C
3.00
3.15
FSP2200-
3.08
TA=-40°C to +105°C
2.92
3.23
TA=+25°C
2.89
2.93
2.96
TA=-40°C to +85°C
2.85
3.00
FSP2200-
2.93
TA=-40°C to +105°C
2.78
3.08
TA=+25°C
2.59
2.63
2.66
TA=-40°C to +85°C
2.55
2.70
Reset Threshold
(SOT23)
VTH
FSP2200-
2.63
TA=-40°C to +105°C
2.50
2.76
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com