Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3112MSAD Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3112MSAD
Description  DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3112MSAD Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3112MSAD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112MSAD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
2007-7-11
2/10
FSP3112
PIN DESCRIPTION
BLOCK DIAGRAM
Pin Number
Pin Name
Pin Function
1
VFB1
Channel 1 output feedback. It receives the feedback voltage from the
external resistive divider across the output.
2
RUN1
Channel 1 Enable
3
VIN
Power Supply
4
SW1
Channel 1 power switch output
5
GND
Ground
6
NC
No Connection
7
SW2
Channel 2 power switch output.
8
POR
Power On Reset.
9
RUN2
Enable Pin of Channel 2.
10
VFB2
Channel 2 output feedback. It receives the feedback voltage from the
external resistive divider across the output.
11
EXPOSED PAD
Power Ground. It must be connect to ground properly.
8
Regulator 1
+
-
VFB2
_Q
600mV
ICOMP
PWM
7
SLOPE.COMP
Q
S
10
REFERENCE
BANDGAP
3
R
ICMP
RUN1
LOGIC
650mV
COUNTER
EA
OVDET
SW1
POR
ISENCE
+
-
+
-
1
9
VFB1
2
4
POR
VIN
RUN2
+
-
SW2
+
-
OSC
REGULATOR 2(The same structure as regulator 1)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com