Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3100CAD Datasheet(PDF) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3100CAD
Description  1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3100CAD Datasheet(HTML) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP3100CAD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
2007-1-29
9/11
FSP3100
APPLICATION INFORMATION
Fig.1 Basic Application Circuit with FSP3100 adjustable version
Fig.2 Basic Application Circuit with fixed output versions
SETTING THE OUTPUT VOLTAGE
Figure 1 above shows the basic application circuit with FSP3100 adjustable output version. The external resistor
sets the output voltage according to the following equation:
OUT
R2
V0.6V 1+
R1
⎛⎞
=
⎜⎟
⎝⎠
R1=300kΩ for all outputs; R2=300kΩ for VOUT=1.2V, R2=200kΩ for VOUT=1.5V, R2=150kΩ for VOUT=1.8V and
R=95.3kΩ for VOUT=2.5V.
INDUCTOR SELECTION
For most designs, the FSP3100 operates with inductors of 1uH to 4.7uH. Low inductance values are physically
smaller but require faster switching, which results in some efficiency loss. The inductor value can be derived from
the following equation:
()
OUT
IN
OUT
IN
L
OSC
VV
V
L
VI
f
×−
=
×∆ ×
Where ∆IL is inductor Ripple Current. Large value inductors lower ripple current and small value inductors result in
high ripple currents. Choose inductor ripple current approximately 35% of the maximum load current 600mA, or
∆IL=210mA.
For output voltages above 2.0V, when light-load efficiency is important, the minimum recommended inductor is
2.2uH. For optimum voltage-positioning load transients, choose an inductor with DC series resistance in the 50mΩ
to 150mΩ range. For higher efficiency at heavy loads (above 200mA), or minimal load regulation (but some transient
overshoot), the resistance should be kept below 100mΩ. The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple current to prevent core saturation (600mA+105mA). Table 1
lists some typical surface mount inductors that meet target applications for the FSP3100.
Vin
R1
316K
R2
C3
10uF
2
5
3
4
C1
4.7uF
Vout 1.8V
1
GND
VFB
Vin 2.7V-4.2V
SW
Run
2.2uH
L1
22pF
C2
632K
L1
Vin 2.5V-5.5V
C3
10uF
2
3
2.2uH
Vout 1.8V
5
SW
1
4
Vin
Vout
Run
GND
C1
4.7uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com