Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3124DAE Datasheet(PDF) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3124DAE
Description  150KHZ 3A PWM BUCK DC/DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3124DAE Datasheet(HTML) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3124DAE Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124DAE Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124DAE Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124DAE Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124DAE Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124DAE Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124DAE Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124DAE Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124DAE Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
150KHZ 3A PWM BUCK DC/DC CONVERTER
2007-3-27
9/9
FSP3124
PACKAGE INFORMATION
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Max.
Min.
Max.
A
2.200
2.400
0.087
0.094
A1
0.000
0.150
0.000
0.006
b
0.400
0.630
0.016
0.025
c
0.450
0.580
0.018
0.023
c1
0.450
0.580
0.018
0.023
D
6.350
6.850
0.250
0.270
D1
5.200
5.500
0.205
0.217
E
5.400
6.200
0.213
0.244
e
1.270TYP.
0.050TYP.
e1
2.540TYP.
1.000TYP.
L1
9.000
11.300
0.360
0.452
L2
0.900
1.630
0.035
0.064
L3
2.200
2.800
0.087
0.110
V
3.800REF
0.150REF
D1
D
e
e1
b
c1
A
c
A1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com