Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3129SAD Datasheet(PDF) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3129SAD
Description  WIDE INPUT 2A STEP-DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3129SAD Datasheet(HTML) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP3129SAD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SAD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SAD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SAD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SAD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SAD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SAD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SAD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SAD Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
WIDE INPUT 2A STEP-DOWN CONVERTER
2007-1-4
9/10
FSP3129
ORDER INFORMATION
MARKING INFORMATION
FSP3129XXXX
Package:
S: SOP8L
Output Voltage:
Blank: ADJ
Packing:
Blank: Tube or Bulk
A: Tape & Reel
Temperature Grade:
D: -40~85℃
Part number:
Internal code
FSP3129
YYWWXX
Date code:
YY: Year (01=2001)
WW: Nth week (01~52)
Logo



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com