Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3129SD Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3129SD
Description  WIDE INPUT 2A STEP-DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3129SD Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3129SD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3129SD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
WIDE INPUT 2A STEP-DOWN CONVERTER
2007-1-4
2/10
FSP3129
ABSOLUTE MAXIMUM RATINGS
(NOTE)
Parameter
Value
Unit
IN to G
-0.3 to +34
V
EN to G
-0.3 to VIN + 0.3
V
SW to G
-1 to VIN + 1
V
BS to SW
-0.3 to +8
V
FB, COMP to G
-0.3 to +6
V
Continuous SW Current
Internally limited
A
Junction to Ambient Thermal Resistance (θJA)
105
°C/W
Maximum Power Dissipation
0.76
W
Operating Junction Temperature
-40 to 150
°C
Storage Temperature
-55 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Ambient Operating Temperature
-40 to 85
°C
Note : Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions
for long periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA= 25°C, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
VIN
4.5
30
V
Feedback Voltage
VFB
VIN = 12V
1.198
1.222
1.246
V
High-Side Switch On Resistance
RONH
0.13
Ω
Low-Side Switch On Resistance
RONL
10
Ω
SW Leakage
VEN = 0
0
10
µA
Current Limit
ILIM
2.4
3.3
4.2
A
COMP to Current Limit
Transconductance
GCOMP
2
A/V
Error Amplifier Transconductance
GEA
∆ICOMP = ±10µA
550
µA/V
Error Amplifier DC Gain
AVEA
4000
V/V
Switching Frequency
fSW
340
400
460
KHz
Short Circuit Switching
Frequency
VFB = 0
60
KHz
Maximum Duty Cycle
DMAX
VFB = 1.1V, PWM mode
88
%
Minimum Duty Cycle
DMIN
VFB = 1.4V, PFM mode
0
%
Enable Threshold Voltage
Hysteresis = 0.1V
0.7
1
1.3
V
Enable Pull Up Current
2
µA
Supply Current in Shutdown
VEN = 0
6
20
µA
IC Supply Current in Operation
VEN = 3V, not switching
0.8
2
mA
Thermal Shutdown Temperature
Hysteresis = 10°C
160
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com