Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3603 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3603
Description  1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3603 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3603 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
2007-4-19
3/9
FSP3603
FUNCTIONAL BLOCK DIAGRAM
FUNCTION DESCROPTION
Operation
The FSP3603 is a synchronous step-up DC-DC converter. It utilizes internal MOSFETs to achieve high efficiency
over the full load current range. It operates at a fixed switching frequency of 1.2MHz, and uses the slope
compensated current mode architecture. The device can operate with input voltage even below 1 V and the typical
start-up voltage is 0.85V.
Synchronous Rectification
The FSP3603 integrates a synchronous rectifier to improve efficiency as well as to eliminate the external Schottky
diode. The synchronous rectifier is used to reduce the conduction loss contributed by the forward voltage of
Schottky diode. The synchronous rectifier is realized by a P-CH MOSFET with gate control circuitry that
incorporates relatively complicated timing concerns.
Low Voltage Start-Up
The FSP3603 can start up at supply voltage down to 0.85V. During start-up, the internal low voltage start-up circuitry
controls the NMOS switch to maximum peak inductor current. The device leaves the start-up mode once the VOUT
exceeds 2.3V. A Comparator (VOUT GOOG Comp) monitors the output voltage and allows the chip into normal
operation once the VOUT exceeds 2.3V. The device is biased by VIN during start-up while biased by VOUT once VOUT
exceeds VIN then the operation will be independent of VIN.
Current Mode PWM Control
The FSP3603 is based on a slope compensated current mode control topology. It operates at a fixed frequency of
1.2MHz. At the beginning of each clock cycle, the main switch (NMOS) is turned on and the inductor current starts
to ramp. After the maximum duty cycle or the sense current signal equals to the error amplifier(EA) output, the main
switch is turned off and the synchronous switch (PMOS) is turn on. This control topology features cycle by cycle
current limiting which can prevent the main switch from overstress and prevent external inductor from saturation.
Pulse Skipping Mode
At very light load, the FSP3603 automatically switches into Pulse Skipping Mode to improve efficiency. During this
mode, the PWM control will skip some pulses to maintain regulation. If the load increases and the output voltage
drops, the device will automatically switch back to normal PWM mode and maintain regulation.
Antiringing Control
An antiringing circuitry is included to remove the high frequency ringing that appears on the SW pin when the
inductor current goes to zero. In this case, a ringing on the SW pin is induced due to remaining energy stored in
parasitic components of switch and inductor. The antiringing circuitry clamps the voltage internally to battery voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com