Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3601TSH Datasheet(PDF) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3601TSH
Description  STEP-UP DC/DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3601TSH Datasheet(HTML) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP3601TSH Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601TSH Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601TSH Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601TSH Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601TSH Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601TSH Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601TSH Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601TSH Datasheet HTML 12Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601TSH Datasheet HTML 13Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STEP-UP DC/DC CONTROLLER
2007-6-6
9/14
FSP3601
APPLICATION NOTE (1)
Figure 14.DC 12V to DC 24V Boost Regulator
Figure15. DC2.5V∽DC6V to DC3.3V SEPIC Regulator
C2
D1 SCD34
R5
3K
U1
FSP3601
1
2
3
4
8
7
6
5
FB
SCP
VCC
BR/CTL
COMP
OSC
GND
OUT
L1 20µH
R7 4.7K
Vin+12V
Control
R2
47K
1%
1K
R6
1%
C1
0.1µF
C5
0.1µF
C6
470PF
C4
0.1µF
Q2
R1
R3 10
Vout+24V/1A
C7
220µF/25V
100µF/35V
R4
390
C8
Q1
2N3904
L1 20µH
C4
0.1µF
Q2
Control
R1
1K
U1
FSP3601
1
2
3
4
8
7
6
5
FB
SCP
VCC
BR/CTL
COMP
OSC
GND
OUT
R5
3K
1%
C5
0.1µF
1%
C1
0.1µF
D1 SCD34
R3 10
L2
20µH
R7 4.7K
Q1
2N3904
C9 10µF
Vin+2.5V +6V
∽
C7
220µF/25V
R2
5.6K
C8
100µF/35V
R6
C6
470PF
Vout+3.3V
C2
R4
390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com