Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP34063 Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP34063
Description  UNIVERSAL DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP34063 Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP34063 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UNIVERSAL DC/DC CONVERTER
2007-1-25
2/10
FSP34063
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
40
V
VIR
Comparator Input Voltage Range
-0.3~+40
V
VC(switch)
Switch Collector Voltage
40
V
VE(switch)
Switch Emitter Voltage(VPin1=40V)
40
V
VCE(switch)
Switch Collector to Emitter Voltage
40
V
VC(driver)
Driver Collector Voltage
40
V
IC(driver)
Driver Collector Current(Note1)
100
mA
ISW
Switch Current
1.6
A
PD
600
mW
θJA
SOP8L: TA=25℃
Thermal Resistance
160
℃
/W
PD
1.25
W
θJA
Power Dissipation and Thermal
Characteristics
PDIP8L: TA=25℃
Thermal Resistance
100
℃
/W
TJ
Operating Junction Temperature
+150
℃
TA
Operating Ambient Temperature Range
0~+70
-40~+85
℃
Tstg
Storage Temperature Range
-65~+150
℃
Notes: 1.Maximum package power dissipation limits must be observed.
2.ESD data available upon request.
ELECTRICAL CHARACTERISTICS(VCC=5V, UNLESS OTHERWISE NOTED)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Oscillator section
fosc
Frequency
VPin 5=0V, CT=1.0nF, TA=25℃
24
33
42
kHz
Ichg
Charge Current
VCC=5.0V to 40V, TA=25℃
24
30
42
µA
Idischg
Discharge Current
VCC=5.0V to 40V, TA=25℃
140
200
260
µA
Idischg/Ichg
Discharge to Charge
Current Ratio
Pin7 to Vcc, TA=25℃
5.2
6.5
7.5
Vipk(sense)
Current Limit Sense
Voltage
Ichg=Idischg, TA=25℃
300
400
450
mV
Output switch section
VCE(sat)
Saturation Voltage,
Darlington Connection
ISW=1.0A, Pins 1,8 connected
1.0
1.3
V
VCE(sat)
Saturation Voltage,
Darlington Connection
ISW=1.0A, ID=50mA, Forced β120
0.45
0.7
V
hFE
DC Current Gain
ISW=1.0A, VCE=5.0V, TA=25℃
50
75
IC(off)
Collector Off-State
Current
VCE=40V
0.01
100
µA
Comparator section
Vth
Threshold Voltage
TA=25℃
T=0℃~75℃
1.225
1.21
1.25
1.275
1.29
V
Reg(line)
Threshold Voltage Line
Regulation
VCC=3.0V to 40V
1.4
6.0
mV
Total device
ICC
Supply Current
VCC=5.0V to 40V, CT=1.0nF,
Pin7=VCC, VPin5>Vth, Pin2=Gnd,
remaining pins open
3.5
mA
Note: 3.Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient
temperature as possible.
4.If the output switch is driven into hard saturation(non-Darlington configuration) at low switch currents(≤300mA)
and high driver currents(≥30mA), it may take up to 2.0µs for it to come out of saturation. This condition will
shorten the off time at frequencies≥30kHz, and is magnified at high temperatures. This condition does not occur
with a Darlington configuration, since the output switch cannot saturate. If a non-Darlington configuration is



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com