Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP33035ND Datasheet(PDF) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP33035ND
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP33035ND Datasheet(HTML) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP33035ND Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035ND Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035ND Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035ND Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035ND Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035ND Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035ND Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035ND Datasheet HTML 12Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP33035ND Datasheet HTML 13Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
BRUSHLESS DC MOTOR CONTROLLER
2007-3-16
9/28
FSP33035
Current Limit
Continuous operation of a motor that is severely over–loaded results in overheating and eventual failure. This
destructive condition can best be prevented with the use of cycle–by–cycle current limiting. That is, each on–cycle
is treated as a separate event. Cycle–by–cycle current limiting is accomplished by monitoring the stator current
build–up each time an output switch conducts, and upon sensing an over current condition, immediately turning off
the switch and holding it off for the remaining duration of oscillator ramp–up period. The stator current is converted
to a voltage by inserting a ground–referenced sense resistor RS in series with the three bottom switch transistors
(Q4, Q5, Q6). The voltage developed across the sense resistor is monitored by the Current Sense Input (Pins 9 and
15), and compared to the internal 100 mV reference. The current sense comparator inputs have an input common
mode range of approximately 3.0 V. If the 100 mV current sense threshold is exceeded, the comparator resets the
lower sense latch and terminates output switch conduction. The value for the current sense resistor is:
The Fault output activates during an over current condition. The dual–latch PWM configuration ensures that only
one single output conduction pulse occurs during any given oscillator cycle, whether terminated by the output of the
error amp or the current limit comparator.
Reference voltage source
The on–chip 6.25 V regulator (Pin 8) provides charging current for the oscillator timing capacitor, a reference for the
error amplifier, and can supply 20 mA of current suitable for directly powering sensors in low voltage applications. In
higher voltage applications, it may become necessary to transfer the power dissipated by the regulator off the IC.
This is easily accomplished with the addition of an external pass transistor as shown in Figure below. A 6.25 V
reference level was chosen to allow implementation of the simpler NPN circuit, where Vref – VBE exceeds the
minimum voltage required by Hall Effect sensors over temperature. With proper transistor selection and adequate
heatsinking, up to one amp of load current can be obtained.
Reference Output Buffers
The NPN circuit is recommended for powering Hall or opto sensors, where the output voltage temperature
coefficient is not critical. The PNP circuit is slightly more complex, but is also more accurate over temperature.
Neither circuit has current limiting.
Undervoltage Lockout
A triple Undervoltage Lockout has been incorporated to prevent damage to the IC and the external power switch
transistors. Under low power supply conditions, it guarantees that the IC and sensors are fully functional, and that
there is sufficient bottom drive output voltage. The positive power supplies to the IC (VCC) and the bottom drives
(VC) are each monitored by separate comparators that have their thresholds at 9.1 V. This level ensures sufficient
gate drive necessary to attain low RDS(on) when driving standard power MOSFET devices. When directly powering
the Hall sensors from the reference, improper sensor operation can result if the reference output voltage falls below
4.5 V. A third comparator is used to detect this condition. If one or more of the comparators detects an undervoltage
condition, the Fault Output is activated, the top drives are turned off and the bottom drive outputs are held in a low
state. Each of the comparators contains hysteresis to prevent oscillations when crossing their respective
thresholds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com