Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB20150S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VB20150S
Description  High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB20150S Datasheet(HTML) 2 Page - Vishay Siliconix

  VB20150S Datasheet HTML 1Page - Vishay Siliconix VB20150S Datasheet HTML 2Page - Vishay Siliconix VB20150S Datasheet HTML 3Page - Vishay Siliconix VB20150S Datasheet HTML 4Page - Vishay Siliconix VB20150S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
V20150S, VF20150S, VB20150S & VI20150S
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89059
Revision: 19-May-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 1.0 mA
TA = 25 °C
VBR
150 (minimum)
-
V
Instantaneous forward voltage (1)
IF = 5 A
IF = 10 A
IF = 20 A
TA = 25 °C
VF
0.69
0.84
1.15
-
-
1.43
V
IF = 5 A
IF = 10 A
IF = 20 A
TA = 125 °C
0.55
0.64
0.75
-
-
0.82
Reverse current (2)
VR = 100 V
TA = 25 °C
TA = 125 °C
IR
2
2.5
-
-
µA
mA
VR = 150 V
TA = 25 °C
TA = 125 °C
-
5
250
25
µA
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V20150S
VF20150S
VB20150S
VI20150S
UNIT
Typical thermal resistance
RθJC
2.0
4.0
2.0
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
V20150S-E3/4W
1.88
4W
50/tube
Tube
ITO-220AB
VF20150S-E3/4W
1.75
4W
50/tube
Tube
TO-263AB
VB20150S-E3/4W
1.39
4W
50/tube
Tube
TO-263AB
VB20150S-E3/8W
1.39
8W
800/reel
Tape and reel
TO-262AA
VI20150S-E3/4W
1.45
4W
50/tube
Tube
Figure 1. Maximum Forward Current Derating Curve
Case Temperature (°C)
25
20
0
0
25
50
75
100
125
150
175
VF20150S
V(B,I)20150S
Resistive or Inductive Load
Mounted on Specific Heatsink
15
5
10
Figure 2. Forward Power Loss Characteristics
0
12
16
20
0
4
16
24
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
12
14
18
20
8
D = t
p/T
t
p
T
4
10
8
6
2
214
22
10
18
6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com