Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB20150C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VB20150C
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB20150C Datasheet(HTML) 1 Page - Vishay Siliconix

  VB20150C Datasheet HTML 1Page - Vishay Siliconix VB20150C Datasheet HTML 2Page - Vishay Siliconix VB20150C Datasheet HTML 3Page - Vishay Siliconix VB20150C Datasheet HTML 4Page - Vishay Siliconix VB20150C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
New Product
V20150C, VF20150C, VB20150C & VI20150C
Vishay General Semiconductor
Document Number: 89046
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.59 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power
losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF
maximum peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AB, ITO-220AB
and TO-262AA package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency inverters, switching power
supplies, freewheeling diodes, OR-ing diode, dc-to-dc
converters and reverse battery protection.
MECHANICAL DATA
Case:
TO-220AB,
ITO-220AB,
TO-263AB
and
TO-262AA
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
2 x 10 A
VRRM
150 V
IFSM
120 A
VF at IF = 10 A
0.69 V
TJ max.
150 °C
TO-220AB
V20150C
VF20150C
1
2
3
PIN 1
PIN 2
CASE
PIN 3
PIN 1
PIN 2
PIN 3
TMBS
®
ITO-220AB
VI20150C
TO-262AA
PIN 1
PIN 2
PIN 3
K
VB20150C
PIN 1
PIN 2
K
HEATSINK
1
2
K
TO-263AB
1
K
2
3
1
2
3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V20150C
VF20150C VB20150C
VI20150C
UNIT
Maximum repetitive peak reverse voltage
VRRM
150
V
Maximum average forward rectified current
(Fig. 1)
per device
per diode
IF(AV)
20
10
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
120
A
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - VB20150C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VB20150C VISHAY-VB20150C Datasheet
161Kb / 6P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
20-Nov-12
VB20150C-E3 VISHAY-VB20150C-E3 Datasheet
161Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
13-Dec-16
VB20150C-E3 VISHAY-VB20150C-E3 Datasheet
218Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
18-Jun-2018
logo
Inchange Semiconductor ...
VB20150C-E3 ISC-VB20150C-E3 Datasheet
314Kb / 2P
Schotty Barrier Diode
logo
Vishay Siliconix
VB20150C-E3/4W VISHAY-VB20150C-E3/4W Datasheet
163Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
More results

Similar Description - VB20150C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10150S VISHAY-V10150S Datasheet
166Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
19-May-08
V30200C VISHAY-V30200C Datasheet
158Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5 A
31-Jul-08
V40100G VISHAY-V40100G Datasheet
167Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.42 V at IF = 5 A
19-May-08
V40100PG VISHAY-V40100PG_08 Datasheet
106Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.420 V at IF = 5 A
26-May-08
V50100P VISHAY-V50100P_08 Datasheet
103Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.375 V at IF = 5 A
26-May-08
V60200PG VISHAY-V60200PG Datasheet
104Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
14-Oct-08
V10150S VISHAY-V10150S_15 Datasheet
156Kb / 5P
High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
13-Aug-13
VB10150S-M3 VISHAY-VB10150S-M3 Datasheet
86Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5.0 A
30-Aug-13
V20150C-E3 VISHAY-V20150C-E3 Datasheet
161Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
13-Dec-16
VB20150C-M3 VISHAY-VB20150C-M3 Datasheet
89Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5.0 A
30-Aug-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com