Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7464 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7464
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7464 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7464 Datasheet HTML 1Page - STMicroelectronics TDA7464 Datasheet HTML 2Page - STMicroelectronics TDA7464 Datasheet HTML 3Page - STMicroelectronics TDA7464 Datasheet HTML 4Page - STMicroelectronics TDA7464 Datasheet HTML 5Page - STMicroelectronics TDA7464 Datasheet HTML 6Page - STMicroelectronics TDA7464 Datasheet HTML 7Page - STMicroelectronics TDA7464 Datasheet HTML 8Page - STMicroelectronics TDA7464 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TDA7464
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH
SRS SURROUND SOUND AND VOICE CANCELLER
4 STEREO INPUTS
INPUT ATTENUATION CONTROL IN 0.5dB
STEP
TREBLE MIDDLE AND BASS CONTROL
VOICE CANCELLER IS AVAILABLE
STEREO SRS SURROUND SOUND WITH
CENTER & SPACE CONTROL IS AVAILABLE
THREE STANDARD SURROUND MODES
ARE AVAILABLE:
- MUSIC IN 4 DIFFERENT SELECTABLE
RESPONSES
- MOVIE AND SIMULATED IN 256
DIFFERENT SELECTABLE RESPONSES
2 SPEAKERS OUTPUTS
- INDEPENDENT ATTENUATORS IN 1dB
STEP FOR BALANCE FACILITY
- ZERO CROSSING ATTENUATION AVAILABLE
- INDEPENDENT MUTE FUNCTION
2 RECORD OUTPUTS
- INDEPENDENT ATTENUATORS IN 1dB
STEP FOR BALANCE FACILITY
- MUX AVAILABLE FOR PROCESSES SIGNAL
SELECTION
- INDEPENDENT MUTE FUNCTION
ALL FUNCTIONS PROGRAMMABLE VIA SE-
RIAL BUS
DESCRIPTION
The TDA7464 is a volume tone (bass middle and
treble) balance (Left/Right) processors with stereo
SRS and voice canceller for quality audio applica-
tions in car radio, Hi-Fi, TV systems.
It reproduces SRS (Sound Retrieval System)
sound by external components and surround
sound by using phase shifters and a signal ma-
trix. The AC signal setting is obtained by resistor
networks and switches combined with operational
amplifiers according to the SRS laboratories
specification. Control of all the functions is ac-
complished by serial bus.
Thanks to the used BIPOLAR/CMOS Technology,
Low Distortion, Low Noise and DC stepping are
obtained.
February 1998
ORDERING NUMBER: TDA7464
TQFP44
1
2
3
5
6
4
7
8
9
10
17
11
18 19 20 21 22
44 43 42 41
39
40
38 37 36 35 34
28
27
26
24
23
25
33
32
31
29
30
VAR_L
NETW2
NETW1
HP1
LP1
HP2
BASS_LI
BASS_LO
BASSO_R
BASSO_L
VAR_R
L_IN4
RECOUT_L
RECOUT_R
R_OUT
DIG_GND
L_OUT
R_IN1
L_IN1
L_IN2
L_IN3
VREFOUT
D96AU483C
12 13 14 15 16
PIN CONNECTION
The Device incorporates the SRS
(Sound Retrieval System) under
licence from SRS Labs, Inc.
1/21


Similar Part No. - TDA7464

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
CAR RADIO SIGNAL PROCESSOR
Jun-2000
TDA7460ND STMICROELECTRONICS-TDA7460ND Datasheet
227Kb / 31P
CAR RADIO SIGNAL PROCESSOR
Jun-2000
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
CAR RADIO SIGNAL PROCESSOR
Mar 1998
TDA7461D STMICROELECTRONICS-TDA7461D Datasheet
1Mb / 30P
CAR RADIO SIGNAL PROCESSOR
Mar 1998
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
CAR RADIO SIGNAL PROCESSOR
Jun-2000
More results

Similar Description - TDA7464

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
logo
STMicroelectronics
TDA7345 STMICROELECTRONICS-TDA7345 Datasheet
122Kb / 18P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Nov-1999
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jul-1999
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
168Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
TDA7442 STMICROELECTRONICS-TDA7442 Datasheet
154Kb / 17P
TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
REV. 2
TDA7465 STMICROELECTRONICS-TDA7465 Datasheet
179Kb / 20P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
May-1997
TDA7466 STMICROELECTRONICS-TDA7466 Datasheet
183Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
May-1997
TDA7466 STMICROELECTRONICS-TDA7466_03 Datasheet
345Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
Sep-2003
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
TDA7429 STMICROELECTRONICS-TDA7429 Datasheet
243Kb / 22P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com