Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7479 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7479
Description  SINGLE CHIP RDS DEMODULATOR FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7479 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7479 Datasheet HTML 1Page - STMicroelectronics TDA7479 Datasheet HTML 2Page - STMicroelectronics TDA7479 Datasheet HTML 3Page - STMicroelectronics TDA7479 Datasheet HTML 4Page - STMicroelectronics TDA7479 Datasheet HTML 5Page - STMicroelectronics TDA7479 Datasheet HTML 6Page - STMicroelectronics TDA7479 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
QUAL
RDDA
VREF
MPX
OSEL
ARI
GND
1
3
2
4
5
6
7TM
VS
EXTRES
OSCIN
OSCOUT
T57
RDCL
16
15
14
13
12
10
11
D97AU752
FILOUT
8
FSEL
9
PIN CONNECTION (Top View)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
-0.3 to 7
V
Top
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature
-55 to 150
°C
THERMAL DATA
Symbol
Description
DIP16
SO16
Unit
Rth j-case
Thermal Resistance Junction-case
Max.
100
200
°C/W
PIN DESCRIPTION
N
o pin
Name
Description
1
QUAL
Output for signal quality indication (High = good)
2
RDDA
RDS data output
3
VREF
Reference voltage
4
MPX
RDS input signal
5
OSEL
Oscillator selector pin:
- open, closed to VS = quartz oscillator
- closed to GND=external driven
6
GND
Ground
7
ARI
Output for ARI indication:
- high when RDS+ARI are present
- high when only ARI is present
- low when only RDS is present
- undefined when nos signal is present
8
FILOUT
Filter output
9
FSEL
Frequency selector pin:
-100K to VS = 17.328MHz
- open = 4.332MHz
- closed to VS = 8.664MHz
10
TM
Test mode pin:
- open = normal operation
- closed to VS = testmode
11
EXTRES
Reset pin:
- open=run mode
- closed to VS = reset condition
12
VS
Supply voltage
13
OSCIN
Oscillator input
14
OSCOUT
Oscillator output
15
T57
Testing output pin: 57kHz clock output
16
RDCL
RDS clock output 1187.5Hz
TDA7479
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com