Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TA7
Description  Small Signal Zener Diodes, Dual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TA7 Datasheet(HTML) 2 Page - Vishay Siliconix

  TA7 Datasheet HTML 1Page - Vishay Siliconix TA7 Datasheet HTML 2Page - Vishay Siliconix TA7 Datasheet HTML 3Page - Vishay Siliconix TA7 Datasheet HTML 4Page - Vishay Siliconix TA7 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 81294
Rev. 1.0, 08-Mar-06
MMBZ27VDA-V
Vishay Semiconductors
Electrical Characteristics
Note:
1) V
BR measured at pulse test current IT at an ambient temperature of 25 °C
2) Surge current waveform per Figure 2 and derate per Figure 3
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Partnumber
Breakdown
Voltage1)
Test
Current
Working
Peak
Reverse
Voltage
Max.
Reverse
Leakage
Current
Max.
Reverse
Surge
Current
Max. Reverse
Voltage
(Clamping
Voltage)
Max.
Temperature
Coefficient
Max. Forward
Voltage
VBR at IT
IT
VRWM
IR
IPP
VC at IRSM
2)
at VBR
VF
at IF
V
mA
V
nA
A
V
mV/°C
V
mA
min
max
MMBZ27VDA-V
25.65
28.35
1.0
22.0
80
1.0
38.0
30
1.1
200
Figure 1. Steady State Power Derating Curve
Figure 2. Pulse Waveform
0
25
50
75
100
125
150
175
50
0
300
100
150
200
250
ALUMINA SUBSTRATE
FR-5 BOARD
T, Temperature (°C)
18655
100
50
0
0
1
2
3
4
t, Time (ms)
tr
tp
Peak Value-IRSM
Half Value-
RSM
I
2
Pulse width (tp) is defined
as that point where the
peak current decays to
50 % of I
tr
≤ 10 µs
RSM
18656
Figure 3. Pulse Derating Curve
0
25
50
75
100
125
150
175
200
0
25
50
75
TA
Ambient Temperature (°C)
-
100
18657



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com