Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHZ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VHZ
Description  Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VHZ Datasheet(HTML) 2 Page - Vishay Siliconix

  VHZ Datasheet HTML 1Page - Vishay Siliconix VHZ Datasheet HTML 2Page - Vishay Siliconix VHZ Datasheet HTML 3Page - Vishay Siliconix VHZ Datasheet HTML 4Page - Vishay Siliconix VHZ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 63063
Revision 12-Dec-05
www.vishay.com
78
VHZ Hermetic
Vishay Foil Resistors
For technical questions, contact: foil@vishay.com
SALES
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com
• UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com
• GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• ISRAEL: foilsales.israel@vishay.com
TEMPERATURE COEFFICIENT OF RESISTANCE
Nominal TCR
6 (- 55°C to + 125°C)
VH102Z
Maximum TCR (- 55°C to + 125°C, + 25°C - ref)
VHZ555
Maximum TCR (- 55°C to + 125°C, + 25°C - ref)
Selected
7 TCR Tracking8
(closest spread)
Stability
9
Load Life at 2,000 hours.
Load Life at 10,000 hours.
Shelf Life Stability
Current Noise
High Frequency Operation
Rise/Decay Time
Inductance (L)
10
Capacitance (C)
Voltage Coefficient
Thermal EMF
12
Hermeticity
0.2ppm/°C
± 0.8ppm/°C
± 3ppm/°C for values 4R99 to 25R
± 2.5ppm/°C for values 25R to 80R
± 2ppm/°C for values > 80R
0.5ppm/°C
VH102Z
VHZ555
± 0.025%
± 0.015%
at 0.3W/+ 125°C
± 0.005%
± 0.0025
at 0.1W/+ 80°C
± 0.02%
± 0.01%
at 0.05W/+ 125°C
± 5ppm
(0.0005%)
Maximum ∆R after 1 year
±10ppm
(0.001%)
Maximum ∆R after 3 years
< 0.010µV (RMS)/Volt of applied voltage (– 40dB)
1.0 ns at 1KΩ
0.1µH maximum; 0.08µH typical
1.0pF maximum; 0.5pF typical
< 0.1ppm/V
11
0.1µV/°C Maximum; 0.05µV/°C Typical 1µV/watt
10
–7 Atmospheric cc/sec Maximum
Bulk Metal
® Foil Technology
Hermetically Sealed Resistors, Aerospace
TABLE 2 - “HZ” SERIES SPECIFICATIONS
5
The TCR is obtained by the process capability and
does not rely on a selection process. It does not
vary from lot to lot nor by ohmic values.
+100
+50
0
-50
-100
-50
-25
0
+25
-55
+50
+75
+100 +125
R
R
(PPM)
0.2PPM/°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com