Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7499 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7499
Description  6 6W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7499 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7499 Datasheet HTML 1Page - STMicroelectronics TDA7499 Datasheet HTML 2Page - STMicroelectronics TDA7499 Datasheet HTML 3Page - STMicroelectronics TDA7499 Datasheet HTML 4Page - STMicroelectronics TDA7499 Datasheet HTML 5Page - STMicroelectronics TDA7499 Datasheet HTML 6Page - STMicroelectronics TDA7499 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, VS = + 14V; RS =50
Ω;
GV = 30dB; f = 1KHz; Tamb =25
°C, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
RL =8
Ω
+5
+18
V
RL =4
Ω
+5
+13.5
V
Iq
Total Quiescent Current
50
90
mA
VOS
Input Offset Voltage
–25
+25
mV
Ib
Output Bias Current
500
nA
PO
Output Power
THD = 10%
RL =8
Ω ;
VS + 11V; RL =4
Ω
810
7.5
W
W
THD = 1%
RL =8
Ω ;
VS + 11V; RL =4
Ω
6
7.5
6
W
W
THD
Total Harmonic Distortion
RL =8
Ω ;PO = 1W; f = 1KHz
0.03
%
RL =8
Ω ;
PO = 0.1 to 5W; VS + 13V;
f = 100Hz to 15KHz
0.2
0.5
%
RL =4
Ω ;PO = 1W; f = 1KHz
0.02
%
RL =4
Ω ;VS + 10V;
PO = 0.1 to 4W;
f = 100Hz to 15KHz
0.2
1
%
CT
Cross Talk
f = 1KHz
f = 10KHz
50
70
60
dB
dB
SR
Slew Rate
6.5
10
V/
µs
GOL
Open Loop Voltage Gain
80
dB
eN
Total Input Noise
A Curve
f = 20Hz to 22KHz
3
48
µV
µV
Ri
Input Resistance
15
20
K
Ω
SVR
Supply Voltage Rejection
(each channel)
fr = 100Hz
Vr = 0.5V
60
dB
Tj
Thermal Shut-down
Junction Temperature
145
°C
MUTE FUNCTION [ref: +VS]
VTMUTE
Mute / Play Threshold
-7
-6
-5
V
AM
Mute Attenuation
60
70
dB
STAND-BY FUNCTION [ref: +VS] (only For Split Supply)
VTST-BY
Stand-by / Mute Threshold
-3.5
-2.5
-.5
V
AST-BY
Stand-by Attenuation
110
dB
Iq ST-BY
Quiescent Current @ Stand-by
3
6
mA
TDA7499
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com