Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7500 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7500
Description  DIGITAL AM/FM SIGNAL PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7500 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7500 Datasheet HTML 1Page - STMicroelectronics TDA7500 Datasheet HTML 2Page - STMicroelectronics TDA7500 Datasheet HTML 3Page - STMicroelectronics TDA7500 Datasheet HTML 4Page - STMicroelectronics TDA7500 Datasheet HTML 5Page - STMicroelectronics TDA7500 Datasheet HTML 6Page - STMicroelectronics TDA7500 Datasheet HTML 7Page - STMicroelectronics TDA7500 Datasheet HTML 8Page - STMicroelectronics TDA7500 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FULL SOFTWARE FLEXIBILITY WITH TWO
24X24 BIT DSP CORES
AM/FM PROCESSING
AUDIO-PROCESSING AND SOUND-PROC-
ESSING
HARDWARE RDS FILTER, DEMODULATOR
& DECODER
INTEGRATED CODEC
IIC AND SPI CONTROL INTERFACES
SPI DEDICATED TO DISPLAY MICRO
6 CHANNEL SERIAL AUDIO INTERFACE SAI
SPDIF RECEIVER WITH SAMPLE RATE
CONVERTER
EXTERNAL MEMORY INTERFACE
DOUBLE DEBUG INTERFACE
ON-CHIP PLL
5V-TOLERANT 3V I/O INTERFACE
MULTIFUNCTION GENERAL PURPOSE I/O PORTS
DESCRIPTION
The TDA7500 is an integrated circuit implement-
ing a fully digital, integrated and advanced solu-
tion to perform the signal processing in front of
the power amplifier and behind the AM/FM tuner
or any other audio sources. The chip integrates
two 43 MIPs DSP cores: one for stereo decoding,
noise blanking, weak signal processing and multi-
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
September 1999
®
dig. aud. in
8+3
DSP1
X Register
Ram 512
Y Register
Ram 512
Program
Ram 1024
Rom 256
4
DSP0
Grp & blk
sync., error
correction
4
4
RDS
2
DSP Orpheus Core
FM processing,
AM processing,
Traffic mem., Dolby,
X bus 0
X bus 1
Exchange
Interface
Ext. Memory
Interface
IIC / SPI
Program
Ram 5632
Rom 256
Y Register
Ram 512
X Register
8.55MHz
CLK in
Int
Reset
5
VDD
GND
5
uP control
RDS
128k (4M) x 8
DSP Orpheus Core
Audio processing,
Sound processing
XTAL Osc.,
PLL
RDS
Filter
Debug, Test Interface
SPI
Serial Audio
Interface
4
dig. aud. out
Mux
Audio Bus 6 ch.
Audio Bus Synch.
Main micro
Error corrected RDS blocks
alternatively:
RDS clk, dat, qual, ARI
SPDIF
Interface
Sample Rate
Converter
Demod.
Σ∆ Modulator
Σ∆ Modulator
SC Filter
SC Filter
SC Filter
SC Filter
SC Filter
SC Filter
Noise
Shaper
Noise
Shaper
Noise
Shaper
Oversampling
Filter
Oversampling
Filter
Oversampling
Filter
Σ∆ Modulator
Σ∆ Modulator
Decimation
Filter
Decimation
Filter
Voltage
Ref.
Codec
Ctl Reg.
Test I/F
6
signal/line out
6
supply
2
3
clkt, wst, clkr, wsr
Input Multiplexer,
Analog Level Adjust
analog audio in
2
3
4
2
3
1
CC
CD
tel,navi
AM/FM lev.
AM/FM mpx
RDS mpx
AM-IF
1
Analog Volume Control,
Line Driver
IIC
3
AM
Noise
Detector
VDD GND
32
2
CDC input
4
4
SPI
Display uP
Spectrum Analyser
Debug, Test Interface
(3 I/O's)
4
(3 I/O's)
RDS bit/blk Int.
Mute
Cref
MD input
1 stereo channel
2
CODEC-ref
VS
SigGnd RefOut
Output
select.
(4 I/O's)
(1 I/O)
(2 I/O's)
(4 I/O's)
2 channel analog bypass
Ram 512
including 12 GPIO• s
including 12 GPIO• s
Speech synth., etc...
DAC-ref
Test
CD input
17
Data, ctl
Address
(4 I/O's)
(2 I/O's)
(1 I/O)
BLOCK DIAGRAM
TQFP100 Power with Slug Down
TDA7500
DIGITAL AM/FM SIGNAL PROCESSOR
PRODUCT PREVIEW
1/14


Similar Part No. - TDA7500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7500A STMICROELECTRONICS-TDA7500A Datasheet
367Kb / 40P
DIGITAL AM/FM SIGNAL PROCESSOR
Dec-2001
More results

Similar Description - TDA7500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7580 STMICROELECTRONICS-TDA7580 Datasheet
450Kb / 31P
FM/AM DIGITAL IF SAMPLING PROCESSOR
Jul-2002
logo
Unisonic Technologies
UTCTA7640AP UTC-UTCTA7640AP Datasheet
43Kb / 3P
AM/FM IF PROCESSOR
logo
National Semiconductor ...
DS8906 NSC-DS8906 Datasheet
169Kb / 8P
AM/FM Digital Phase-Locked Loop Synthesizer
logo
Sony Corporation
CXA1019AM SONY-CXA1019AM Datasheet
235Kb / 11P
FM / AM
logo
Wuxi Youda electronics ...
YD1800 YOUDA-YD1800 Datasheet
99Kb / 4P
FM/AM
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
DIGITAL SIGNAL PROCESSOR
logo
STMicroelectronics
STA3005 STMICROELECTRONICS-STA3005 Datasheet
152Kb / 5P
Dual-IF AM/FM digital radio receiver
28-Jun-2006
TDA7500A STMICROELECTRONICS-TDA7500A Datasheet
367Kb / 40P
DIGITAL AM/FM SIGNAL PROCESSOR
Dec-2001
TDA7580 STMICROELECTRONICS-TDA7580_07 Datasheet
578Kb / 39P
FM/AM digital IF sampling processor
Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com