Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS302 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCS302
Description  Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS302 Datasheet(HTML) 1 Page - Vishay Siliconix

  VCS302 Datasheet HTML 1Page - Vishay Siliconix VCS302 Datasheet HTML 2Page - Vishay Siliconix VCS302 Datasheet HTML 3Page - Vishay Siliconix VCS302 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 63018
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 26-Jun-07
1
300 Series
Vishay Foil Resistors
Bulk Metal® Foil Technology High Precision
4-Terminal Power Current Sensing Resistors with
TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
Any value at any tolerance available within resistance range
The 300 Series offers precision Bulk Metal® Foil technology
resistors as low as 5 m
Ω with a temperature coefficient
down to 1 ppm/°C and unmatched long term stability. The
4 terminal current sensing resistors, when mounted on a
heat sink, can sustain 10 watts continuously without an
appreciable change in resistance (0.15 % maximum). The
typical 50 % power derating specification associated with
other technologies is not necessary. A choice of lead
configurations is available.
Our Application Engineering Department is available to
advise and make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature Coefficient of Resistance (TCR):
down to ± 1 ppm/°C Max. (see table 2)
• Tolerance: to ± 0.1 % (see table 1)
• Power Rating (heat-sinked): 10 W
• Load Life Stability: ± 0.05 % at 25 °C, 2000 hours at Rated
Power
• Resistance Range: 0.005 Ω to 500 Ω
• Electrostatic Discharge (ESD) above 25 000 V
• Non Inductive, Non Capacitive Design
• Rise Time: 1.0 ns without ringing
• Current Noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage Coefficient: < 0.1 ppm/V
• Non Inductive: 0.08 µH
• Non Hot Spot Design
• Terminal Finishes available: Lead (Pb)-free
Tin/Lead Alloy
• Any value available within resistance range (e.g. 1K2345)
• Prototype samples available from 48 hours. For more
information, please contact foil@vishay.com
• For better performances, please contact Application
Engineering
Notes
1. Tighter tolerance is available - for more details contact Application Engineering
2. The lower of the two limitations (Power or Current) is decisive
3. Heatsink - Aluminum (6 inches length x 4 inches width x 2 inches height x 0.04 inches thick)
* Pb containing materials are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
TABLE 1 - CHARACTERISTICS
MODEL NUMBER
RESISTANCE RANGE
TOLERANCE1)
POWER RATING2)
at + 25 °C
MAXIMUM CURRENT2)
VCS301, VCS302
0.005
Ω < R < 0.1 Ω
± 1 %
10 W on
Heat Sink3)
or
3 W in Free Air
15 A
0.1
Ω ≤ R < 0.25 Ω
± 0.5 %
VCS331, VCS332
0.25
Ω < R < 500 Ω
± 0.1 %
5 A
TABLE 2 - TCR CHART (MAXIMUM)
(0 °C TO + 60 °C)
≥ 0.005 Ω
to
< 0.01
Ω
± 15 ppm/°C
≥ 0.01 Ω
to
< 0.05
Ω
± 10 ppm/°C
≥ 0.05 Ω
to
< 0.1
Ω
± 5 ppm/°C
≥ 0.1 Ω
to
< 1
Ω
± 3 ppm/°C
≥ 1 Ω
to
< 10
Ω
± 2 ppm/°C
≥ 10 Ω
to
< 500
Ω
± 1 ppm/°C
FIGURE 1 - POWER DERATING CURVE
(Further Derating Not Necessary)
+ 100
+ 75
+ 50
+ 25
0
Ambient Temperature °C
- 55 °C
+ 25 °C
- 50
+ 50
0
+ 100
+ 150
+ 200


Similar Part No. - VCS302

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCS3 VECTRON-VCS3 Datasheet
96Kb / 7P
1.8, 2.5, 3.3 volt CMOS Oscillator
VCS3 VECTRON-VCS3 Datasheet
120Kb / 7P
1.8, 2.5, 3.3 volt CMOS Oscillator
VCS3-B3A-75M000 VECTRON-VCS3-B3A-75M000 Datasheet
96Kb / 7P
1.8, 2.5, 3.3 volt CMOS Oscillator
VCS3-B3B-75M000 VECTRON-VCS3-B3B-75M000 Datasheet
96Kb / 7P
1.8, 2.5, 3.3 volt CMOS Oscillator
VCS3-B3B-75M000 VECTRON-VCS3-B3B-75M000 Datasheet
120Kb / 7P
1.8, 2.5, 3.3 volt CMOS Oscillator
More results

Similar Description - VCS302

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200 VISHAY-200 Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
16-Jul-07
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
31-Oct-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
18-Jun-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
07-Nov-07
VPR5 VISHAY-VPR5 Datasheet
86Kb / 3P
Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
05-Jun-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
12-Jul-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
16-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
14-Nov-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
25-Oct-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com