Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACAS0612AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ACAS0612AT
Description  Automotive Precision Thin Film Chip Resistor Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAS0612AT Datasheet(HTML) 2 Page - Vishay Siliconix

  ACAS0612AT Datasheet HTML 1Page - Vishay Siliconix ACAS0612AT Datasheet HTML 2Page - Vishay Siliconix ACAS0612AT Datasheet HTML 3Page - Vishay Siliconix ACAS0612AT Datasheet HTML 4Page - Vishay Siliconix ACAS0612AT Datasheet HTML 5Page - Vishay Siliconix ACAS0612AT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 28770
For technical questions, contact: filmresistors.thinfilmarray@vishay.com
www.vishay.com
Revision: 11-Sep-08
277
ACAS 0612 AT - Precision Automotive
Automotive Precision Thin Film Chip Resistor Array Vishay Beyschlag
Notes
(1) Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
(2) R1 = R4 ≤ R2 = R3; please refer to APPLICATION INFORMATION, see below
(3) Different resistance values are available on request
(4) Please refer to table TEMPERATURE COEFFICIENT AND RESISTANCE RANGE, see below
(5) Please refer to table PACKAGING, see below
DIMENSIONS ACAS 0612 AT in millimeters
PART NUMBER AND PRODUCT DESCRIPTION (1)
PART NUMBER: ACASA1100A2200P5AT
MODEL
TERMINAL
SIZE
RESISTANCE
VALUE (2) (3)
ACCURACY
GRADE (4)
RESISTANCE
VALUE (2) (3)
PACKAGING (5)
SPECIAL
ACA
S = Convex
square
A = 0612
3 digit
resistance
value R1, R4
1 digit multiplier
MULTIPLIER
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
TCR, Tracking,
Tolerance and
Matching
A, B, E, F
J, K, N or P
3 digit
resistance
value R2, R3
1 digit multiplier
MULTIPLIER
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
P1
P5
AT =
Automotive
PRODUCT DESCRIPTION: ACAS 0612 110R A 220R AT P5
ACA
S
0612
110R
A
220R
AT
P5
MODEL
TERMINATION
SIZE
RESISTANCE
VALUE R1, R4 (2) (3)
ACCURACY
GRADE (4)
RESISTANCE
VALUE R2, R3 (2) (3)
SPECIAL
PACKAGING (5)
ACA = Chip
Array
S = Convex
0612
110R = 110
Ω
1K1 = 1.1 k
Ω
22K1 = 22.1 k
Ω
TCR, Tracking,
Tolerance and
Matching
A, B, E, F
J, K, N or P
220R = 220
Ω
1K1 = 1.1 k
Ω
22K1 = 22.1 k
Ω
AT =
Automotive
P1
P5
PACKAGING
MODEL
TAPE WIDTH
DIAMETER
PIECES
PITCH
PACKAGING CODE
PAPER TAPE
ACAS 0612 AT
8 mm
180 mm/7"
1000
4 mm
P1
8 mm
180 mm/7"
5000
4 mm
P5
DIMENSIONS - chip resistor array, mass and relevant physical dimensions
TYPE
W
(mm)
L
(mm)
H
(mm)
P
(mm)
A1
(mm)
A
(mm)
T1
(mm)
T2
(mm)
MASS
(mg)
ACAS 0612 AT
1.5 ± 0.15
3.2 ± 0.15
0.45 ± 0.1
0.8 ± 0.1
0.6 ± 0.15
0.4 ± 0.15
0.3 ± 0.15
0.4 ± 0.15
6.77
T2
H
T1
A1
A
A
S
A
11
00
A
2
0
C
A
A
20
5T
PA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com