Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7511 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 9Page - STMicroelectronics TDA7511 Datasheet HTML 10Page - STMicroelectronics TDA7511 Datasheet HTML 11Page - STMicroelectronics TDA7511 Datasheet HTML 12Page - STMicroelectronics TDA7511 Datasheet HTML 13Page - STMicroelectronics TDA7511 Datasheet HTML 14Page - STMicroelectronics TDA7511 Datasheet HTML 15Page - STMicroelectronics TDA7511 Datasheet HTML 16Page - STMicroelectronics TDA7511 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13/41
TDA7511
VIH
Input high voltage
3
V
IIN
Input current
-5
5
µA
VO
Output voltage SDA acknowledge
IO = 1.6mA
0.4
V
Loop Filter Input/Output
-IIN
Input leakage current
VIN = GND, PDOUT = Tristate
-0.1
0.1
µA
IIN
Input leakage current
VIN = VREF1
PDOUT = Tristate
-0.1
0.1
µA
VOL
Output voltage Low
IOUT = -0.2mA
0.05
0.5
V
VOH
Output voltage High
IOUT = 0.2mA
VCC3
-0.5
VCC3
-0.05
V
IOUT
Output current, sink
VOUT = 1V to VCC3-1V
10
mA
IOUT
Output current, source
VOUT = 1V to VCC3-1V
-10
mA
Voltage Controlled Oscillator (VCO)
fVCOmin
Minimum VCO frequency
50
MHz
fVCOmax
Maximum VCO frequency
200
MHz
C/N
Carrier to Noise
1KHz offset
85
dBc
SSTOP Output
V24
Output voltage low
I24 = -20µA
0.2
V
V24
Output voltage high
I24 = 20µA
3V
V46
IF counter sensitivity
Antenna input
6
dB
µV
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com