Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS331T0R2500DB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCS331T0R2500DB
Description  Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS331T0R2500DB Datasheet(HTML) 3 Page - Vishay Siliconix

  VCS331T0R2500DB Datasheet HTML 1Page - Vishay Siliconix VCS331T0R2500DB Datasheet HTML 2Page - Vishay Siliconix VCS331T0R2500DB Datasheet HTML 3Page - Vishay Siliconix VCS331T0R2500DB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 63018
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 26-Jun-07
3
300 Series
Bulk Metal® Foil Technology High Precision
4-Terminal Power Current Sensing Resistors with
TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
Vishay Foil Resistors
Notes
1.
ΔR’s plus additional 0.0005 Ω for measurement error
2. All measurements done in free air
Note
* For non-standard requests, please contact Application Engineering.
TABLE 3 - VISHAY VCS301, VCS302, VCS331, VCS332 PERFORMANCE
TEST OR CONDITION
VCS301, VCS302, VCS331, VCS332 PERFORMANCE1)
Maximum Ambient Temperature at Rated Power
± 25 °C
Maximum Ambient Temperature at Zero Power
± 150 °C
Temperature Coefficient
see table 2
Thermal Shock
± 0.05 %
Short Time Overload (5 x Rated Power for 5 seconds)
± 0.02 %
Terminal Strength
± 0.05 %
High Temperature Exposure
± 0.05 % (2000 hours at 150 °C)
Moisture Resistance
± 0.05 %
Low Temperature Storage (24 hours at - 55 °C)
± 0.05 %
Shock (Specified Pulse)
± 0.1 %
Vibration (High Frequency)
± 0.1 %
Load Life (Rated Power, + 25 °C, 2000 hours)
± 0.05 %
Resistance Tolerance
0.1 %, 0.5 %, 1 %, 2 %, 5 %
Thermal EMF
0.2 µV/°C Max. (E Terminal)
Weight
8.1 g maximum
Case Temperature Rise
17 °C/W2) (VCS301, VCS302) - 9 °C/W2) (VCS331, VCS332)
Thermal Resistance
8 °C/W2) (VCS301, VCS302) - 12.5 °C/W2) (VCS331, VCS332)
TABLE 4 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y09600R25000B9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
0959 = VCS301
0943 = VCS302
0960 = VCS331
0944 = VCS332
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
L = Bulk Pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0960 0R25000 B 9 L:
TYPE: VCS331
VALUE: 0.25
Ω
ABSOLUTE TOLERANCE: ± 0.1 %
TERMINATION: Lead (Pb)-free
PACKAGING: Bulk
HISTORICAL PART NUMBER: VCS331T 0R2500 B B (will continue to be used)
VCS331
T
0R2500
B
B
MODEL
TERMINATION
RESISTANCE VALUE
TOLERANCE
PACKAGING
VCS301
VCS302
VCS331
VCS332
T = Lead (Pb)-free
None = Tin/Lead alloy
0.25
Ω
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
B = Bulk Pack
9
600
25
0
R
Y0
B9
0
L
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com