Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7550R Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7550R
Description  DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7550R Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7550R Datasheet HTML 1Page - STMicroelectronics TDA7550R Datasheet HTML 2Page - STMicroelectronics TDA7550R Datasheet HTML 3Page - STMicroelectronics TDA7550R Datasheet HTML 4Page - STMicroelectronics TDA7550R Datasheet HTML 5Page - STMicroelectronics TDA7550R Datasheet HTML 6Page - STMicroelectronics TDA7550R Datasheet HTML 7Page - STMicroelectronics TDA7550R Datasheet HTML 8Page - STMicroelectronics TDA7550R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
N.
Name
Type
Description
36
GPIO1
I/O
General Purpose I/O
37
GPIO0
I/O
General Purpose I/O
38
GPIO5
I/O
General Purpose I/O
39
DBCK
I/O
Debug port Bit Clock/Chip Status 1. The serial clock for the Debug Port is
provided. May also be used as GPIO9.
40
DBIN
I/O
Debug port Serial Input/Chip Status 0. The serial data input for the Debug Port is
provided. May also be used as GPIO11.
41
DBOUT
I/O
Debug Port Serial Output. This pin is the serial Data output for the Debug port.
May also be used as GPIO10.
42
DBRQN
I
Debug Port Request Input. This pin is used to request Debug Mode operation to
Euterpe
43
NRESET
I
System Reset. A low level applied to RESET input initializes the IC.
44
INTN
I
External interrupt line. When this line is asserted low the DSP may be interrupted.
45
SCL/SCK
I/O
I
2C Serial Clock Line. Clock line for I2C bus. Schmitt trigger input.
I/O
SPI Bit Clock. If SPI interface is enabled, it behaves as SPI bit clock.
46
SDA/SS
I/O
I
2C Serial Data Line. Data line for I2C bus. Schmitt trigger input.
I
SPI Slave Select. If SPI interface is enabled, it behaves as Slave select line for
SPI bus.
47
VDD
I
Digital Power Supply
48
GND
I
Ground
49
GPIO2
I/O
General Purpose I/O
50
GPIO6
I/O
General Purpose I/O
51
GPIO3
I/O
General Purpose I/O
52
CGND
I
Ground for the internal CODEC cell
53
CVDD
I
Power Supply for the internal CODEC cell
54
VOUTR
O
Single-ended right channel analogue output from DAC
55
VOUTL
O
Single-ended left channel analogue output from DAC
56
VDD
I
Digital power supply
57
GND
I
Ground
58
VINR
I
Single-ended right channel analogue input to ADC
59
VINL
I
Single-ended left channel analogue input to ADC
60
CGNDA
I
Ground for the internal CODEC cell
61
TEST4
O
Connect a 22K pull-down resistor
62
CVDDA
I
Power Supply for the internal CODEC cell
63
VREF
O
Voltage Reference from the CODEC cell
64
REFCAP
O
Voltage Reference Capacitor Bypass
65
GPIO7
I/O
General Purpose I/O
66
GPIO4
I/O
General Purpose I/O
67
VDD
I
Digital power supply
68
CLKOUT
O
Clock Output. Output Clock divided down from PLL
PIN FUNCTIONS (continued)
TDA7550R - TDA7550 - TDA7551 - TDA7552 - TDA7553
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com