Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7560 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7560
Description  4 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7560 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7560 Datasheet HTML 1Page - STMicroelectronics TDA7560 Datasheet HTML 2Page - STMicroelectronics TDA7560 Datasheet HTML 3Page - STMicroelectronics TDA7560 Datasheet HTML 4Page - STMicroelectronics TDA7560 Datasheet HTML 5Page - STMicroelectronics TDA7560 Datasheet HTML 6Page - STMicroelectronics TDA7560 Datasheet HTML 7Page - STMicroelectronics TDA7560 Datasheet HTML 8Page - STMicroelectronics TDA7560 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (VS = 13.2V; f = 1KHz; Rg = 600
Ω;RL =4Ω;Tamb =25°C;
Refer to the test and application diagram, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Iq1
Quiescent Current
RL =
∞
120
200
320
mA
VOS
Output Offset Voltage
Play Mode
±80
mV
dVOS
During mute ON/OFF output
offset voltage
±80
mV
Gv
Voltage Gain
25
26
27
dB
dGv
Channel Gain Unbalance
±1dB
Po
Output Power
VS = 13.2V; THD = 10%
VS = 13.2V; THD = 1%
VS = 14.4V; THD = 10%
VS = 14.4V; THD = 1%
23
16
28
20
25
19
30
23
W
W
W
W
VS = 13.2V; THD = 10%, 2
Ω
VS = 13.2V; THD = 1%, 2
Ω
VS = 14.4V; THD = 10%, 2
Ω
VS = 14.4V; THD = 1%, 2
Ω
42
32
50
40
45
34
55
43
W
W
W
W
Po EIAJ
EIAJ Output Power (*)
VS = 13.7V; RL =4
Ω
VS = 13.7V; RL =2
Ω
41
75
45
77
W
W
Po max.
Max. Output Power (*)
VS = 14.4V; RL =4
Ω
VS = 14.4V; RL =2
Ω
50
80
W
W
THD
Distortion
Po =4W
Po = 10W; RL =2
Ω
0.006
0.015
0.05
0.07
%
%
eNo
Output Noise
”A” Weighted
Bw = 20Hz to 20KHz
35
50
50
70
µV
µV
SVR
Supply Voltage Rejection
f = 100Hz; Vr = 1Vrms
50
70
dB
fch
High Cut-Off Frequency
PO = 0.5W
100
300
KHz
Ri
Input Impedance
80
100
120
K
Ω
CT
Cross Talk
f = 1KHz
PO =4W
f = 10KHz PO =4W
60
70
60
–
–
dB
dB
ISB
St-By Current Consumption
VSt-By = 1.5V
75
µA
Ipin4
St-by pin Current
VSt-By = 1.5V to 3.5V
±10
µA
VSB out
St-By Out Threshold Voltage
(Amp: ON)
3.5
V
VSB in
St-By in Threshold Voltage
(Amp: OFF)
1.5
V
AM
Mute Attenuation
POref =4W
80
90
dB
VM out
Mute Out Threshold Voltage
(Amp: Play)
3.5
V
VMin
Mute In Threshold Voltage
(Amp: Mute)
1.5
V
VAM in
VS Automute Threshold
(Amp: Mute)
Att
≥ 80dB; POref =4W
(Amp: Play)
Att < 0.1dB; PO = 0.5W
6.5
7
7.5
8
V
V
Ipin22
Muting Pin Current
VMUTE = 1.5V
(Sourced Current)
712
18
µA
VMUTE = 3.5V
-5
18
µA
HSD SECTION
Vdropout
Dropout Voltage
IO = 0.35A; VS = 9 to 16V
0.25
0.6
V
Iprot
Current Limits
400
800
mA
(*) Saturated square wave output.
TDA7560
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com