Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7551 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7551
Description  DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7551 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7551 Datasheet HTML 4Page - STMicroelectronics TDA7551 Datasheet HTML 5Page - STMicroelectronics TDA7551 Datasheet HTML 6Page - STMicroelectronics TDA7551 Datasheet HTML 7Page - STMicroelectronics TDA7551 Datasheet HTML 8Page - STMicroelectronics TDA7551 Datasheet HTML 9Page - STMicroelectronics TDA7551 Datasheet HTML 10Page - STMicroelectronics TDA7551 Datasheet HTML 11Page - STMicroelectronics TDA7551 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
audio amp (optional)
spkr
mic preamp
T
TD
DA
A7
75
55
51
1
F
FL
LA
AS
SH
H
b
ba
an
nk
k
Controller
EMI
Pass-phrases can reside here
to external world
slave I
2C
ADC
DAC
Up to
4 MB
service request
Figure 2.
TDA7551
SV208 Speaker Verification solution
The TDA7551 is a single-chip solution for speaker verification, featuring the Lernout & Hauspie SV208
verification engine. Pass-phrases can be stored by performing an enrollment (the pass-phrase must be
repeated three times), then the incoming prompt can be compared with the pre-stored pass-phrase to
verify the speaker identity.
Known password speaker recognition
Noise-robust recognition of isolated words
Enrollment phase
The speaker associates his identity to an utterance, which must last
from 1 to 2 seconds, and reapeat it three times; the algorithm performs
an analysis and accepts or rejects the enrollment phase.
Verification phase
The claimed identity of the speaker is compared with the result of the
verification phase, in which the input prompt is compared with the
selected pass-phrase.
Control through I
2C
Management of the verification engine is accomplished through an I
2C
protocol: the TDA7551 appears as a slave I
2C device.
Sample rate:
8 kHz
Equal error rate:
> 94%
TDA7550R - TDA7550 - TDA7551 - TDA7552 - TDA7553
9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com