Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

249 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 249
Description  1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

249 Datasheet(HTML) 2 Page - Vishay Siliconix

  249 Datasheet HTML 1Page - Vishay Siliconix 249 Datasheet HTML 2Page - Vishay Siliconix 249 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57054
112
Revision: 02-Jul-07
248, 249
Vishay Spectrol
1/2" (12.7 mm) Conductive Plastic & Cermet
Potentiometers
MECHANICAL SPECIFICATIONS
Rotation
295° ± 5°
Torque
Starting and Running
1.5 to 18.75 mNm
End Stop Torque
0.35 Nm (50 oz-in)
Weight
8.3 g’s (0.29 oz)
(1/4" × 7/8" FMF metal shaft)
Max Tightening Torque
0.50 Nm (1/4" Bush)
0.70 Nm (3/8" Bush)
Sealing
IP50
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to + 125 °C
Shock
390 meters/sec/sec.
1000 bumps
Vibrations
98 meters/sec/sec.
0.75 mm, 10 to 500 Hz
Rotational Life (Electrical)
25 000 cycles
Load Life at 70 °C
1000 hours
MARKING
Unit identification: Manufacturer’s name and model number, EIA resistance value coding, tolerance, data code and terminal
Identification.
ELECTRICAL SPECIFICATIONS
PARAMETER
MODEL 248
MODEL 249
Element Type
conductive plastic
cermet
Total Resistance Range
500
Ω to 1 MΩ
Resistance Tolerance
± 20 %
± 20 % (on request ± 10 %)
Power rating
0.5 W at 70 °C
1.0 W at 70 °C
Both derated to zero at 125 °C
Temperature Coefficient of Resistance
± 1000 ppm/°C
± 100 ppm/°C
Linearity Tolerance
± 5 % Independent
Contact Resistance Variation
5 % of the Total Resistance
Insulation Resistance
1000 M
Ω minimum, 500 VDC
Dielectric Strength
750 VRMS minimum 50/60 Hz
End Resistance
2
Ω maximum each end
Effective Electrical Angle
265° ± 5°
STANDARD RESISTANCE ELEMENT DATA
Ω
248/249:
500R, 1K, 2K, 5K, 10K, 25K, 50K, 100K, 250K,
500K, 1M
PACKAGING
Carton box of 50, code: BO50
ORDERING INFORMATION
248
MODEL
JE
SPECIAL FEATURES
8
SHAFT OPTIONS
08
FMF SHAFT OPTIONS
103
EIA RESISTANCE CODE
e3
LEAD FINISH
248/249
D: Rear locating lugs
E: Rear stand off
J: CW audio taper
7: 6.35 (1/4") plastic
8: 3.18 (1/8") plated
brass
9: 6.35 (1/4") plated
brass
08: 19.05 (3/4") for
3.18 (1/8") plated brass
10: 22.22 (7/8") for
6.35 (1/4") plated brass
or plastic versions
e3: pure Sn
Example: 248 - JE - 8 - 08 - 103
SAP PART NUMBERING GUIDELINES
24
8
B
BH
S
0
E
B
25
1
0
3
M
L
MODEL
SHAFT
PACKAGING
OHMIC VALUE/TOL/LAW
OR
SPECIAL
See the end of this data book for conversion tables
SHAFT
MATERIAL
LEADS
BUSHING



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com