Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300192Z Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 300192Z
Description  Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300192Z Datasheet(HTML) 2 Page - Vishay Siliconix

  300192Z Datasheet HTML 1Page - Vishay Siliconix 300192Z Datasheet HTML 2Page - Vishay Siliconix 300192Z Datasheet HTML 3Page - Vishay Siliconix 300192Z Datasheet HTML 4Page - Vishay Siliconix 300192Z Datasheet HTML 5Page - Vishay Siliconix 300192Z Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 63114
For technical questions, contact: foil@vishay.com
www.vishay.com
Revision: 08-Aug-06
2
2R, 3R, 4R (Z-Foil Technology)
Ultra High Precision Z-Foil Voltage Divider and
Network Resistor with TCR Tracking to 0.1 ppm/°C
and Resistance Match to ± 0.005% (50 ppm)
Vishay Foil Resistors
SALES
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com
• UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com
• GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• ISRAEL: foilsales.israel@vishay.com
* Measurement error 0.001 R
TABLE 1 - TYPICAL PERFORMANCE CHARACTERISTICS*
TCR Tracking between all resistors
(Any ohmic value ratio is available within resistance
range)
available to:
typical
maximum
0.1 ppm/°C
0.5 ppm/°C
depends on resistance value
Ratio Tolerance between all resistors
available to:
0.005 % (50 ppm)
depends on resistance value
Max Ambient Temp. at Rated Wattage
+ 125°C
Max Ambient Temp. at Zero Power
+ 175°C
Thermal Shock
ΔR
ΔRatio
0.002% (20 ppm)
0.002% (20 ppm)
Low Temperature Operation
ΔR
ΔRatio
0.005% (50 ppm)
0.002% (20 ppm)
Short Time Overload
ΔR
ΔRatio
0.002% (20 ppm)
0.002% (20 ppm)
Terminal Strength
ΔR
ΔRatio
0.001% (10 ppm)
0.001% (10 ppm)
Resistance to Soldering Heat
ΔR
ΔRatio
0.002% (20 ppm)
0.001% (10 ppm)
Moisture Resistance
ΔR
ΔRatio
0.003% (30 ppm)
0.003% (30 ppm)
Shock
ΔR
ΔRatio
0.001% (10 ppm)
0.001% (10 ppm)
Vibration High Frequency
ΔR
ΔRatio
0.001% (10 ppm)
0.001% (10 ppm)
Life
0.3W at + 125°C
0.02W at + 60°C
0.05W at + 25°C
ΔR
ΔRatio
ΔR
ΔRatio
ΔR
ΔRatio
0.01% (100 ppm)
0.01% (100 ppm)
0.003% (30 ppm)
0.001% (10 ppm)
0.002% (20 ppm)
0.001% (10 ppm)
High Temperature Exposure
ΔR
ΔRatio
0.01% (100 ppm)
0.01% (100 ppm)
Low Temperature Storage
ΔR
ΔRatio
0.002% (20 ppm)
0.002% (20 ppm)
Insulation Resistance
> 104M
Ω
Dielectric Withstanding Voltage
No Change
Voltage Coefficient
ΔR
ΔRatio
0.1ppm/V
0.1ppm/V
Noise
N/A
- 40dB
Inductance
N/A
0.08µH
Capacitance
N/A
0.5pF
Rise Time
N/A
1ns at 1k
Ω
Thermal EMF lead to lead
N/A
0.04µV/°C
Thermal EMF air circulation
N/A
0.02µV/°C
Thermal EMF power
N/A
0.1µV for 20mW
Shelf Life
ΔR
ΔRatio
25 ppm/year
10 ppm/year



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com