Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8140 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8140
Description  HORIZONTAL DEFLECTION POWER DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8140 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8140 Datasheet HTML 1Page - STMicroelectronics TDA8140 Datasheet HTML 2Page - STMicroelectronics TDA8140 Datasheet HTML 3Page - STMicroelectronics TDA8140 Datasheet HTML 4Page - STMicroelectronics TDA8140 Datasheet HTML 5Page - STMicroelectronics TDA8140 Datasheet HTML 6Page - STMicroelectronics TDA8140 Datasheet HTML 7Page - STMicroelectronics TDA8140 Datasheet HTML 8Page - STMicroelectronics TDA8140 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (VCC = 12V, Tamb = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
7
18
V
IQ
Quiescent Current
All Inputs Open
10
15
25
mA
Ip0
Positive Output Current (source)
1.5
A
In0
Negative Output Current (sink)
2
A
Io0
Positive quiescent output current forcing
the output to 6 V and the sense input to
ground, output externally forced to 6V
Remote Input 1
Remote Input 0
120
50
150
80
200
100
mA
mA
GON
Transconductance ON Phase (1)
See Figure 1
1.8
2.0
2.2
A/V
GOFF
Transconductance OFF Phase (2)
See Figure 1
1.8
2.0
2.2
A/V
GREMOTE
Transconductance Standby Mode
Remote Input 0
0.675
0.75
0.825
A/V
I5
Current Source Pin 5
V6 = 500mV
135
165
200
µA
RINS
Sense Input Resistance
VS > 0
VS < 0
0.7
0.35
1
0.5
1.3
0.7
k
Ω
k
Ω
IINS
Sense Input Bias Current
VS = 0, Remote Input 1
– 200
– 300
– 400
µA
RSYN
Synchronous Detection Input Resistance
VSYN < 7V
VSYN > 7V
30
7
60
10
150
15
k
Ω
k
Ω
VTHS
Threshold Voltage of the Synchronous
Detection Input
1
1.8
2.8
V
VSYN
Sync Detect Input Voltage
30
V
VTHA
Threshold Voltage of Control Input
1.5
2
2.5
V
IINA
Pull up Current of Control Input
0 < VIN < VTHA
VIN > VTHA + 0.5V
– 50
- 1
– 100
0
– 160
+ 1
µA
µA
VTHB
Threshold Voltage Remote Input
1.5
2
2.5
V
IINB
Pull up Current of the Remote Input
0 < VIN < VTHB
VIN > VTHB + 0.5V
– 50
– 1
– 100
0
– 160
+ 1
µA
µA
tdr
Remote Delay Time (3)
190
250
300
µs
tdon
On Delay Time
3
4.5
µs
VCC–VOUT
Output Voltage Drop for Ip0 = 1 A
2
2.8
3
V
VCC ON
Supply Voltage for Device "ON"
I0
≥ 0
5.8
6.4
7.0
V
VCC OFF
Supply Voltage for Device "OFF"
(output internally switched to ground)
5.6
VCC ON
– 0.2 V
6.8
V
VS limit
Sense Limit Voltage (4)
0.8
0.9
1
V
Notes : 1. GON is measured with V3 varying from 150mV to 350mV (Pin 5 is grounded)
2. GOFF is measured with V5 varying from 150mV to 350mV (Pin 3 is grounded)
3. When the remote input goes from HIGH to LOW the BU508 is switched off and it remains in this condition for the time tdr.
4. The sense input voltage VS is internally limited and results in a limited positive output current Ip0 = g VS limit. Note that due to
the storage time tS of the BU508 limiting of VS leads to a reduced base current of the BU508 and the output current I0 is going to
the positive quiescent current IO0.
TRUTH TABLE
Logic Inputs
Output Io
Mode
Control Input
Remote/Standby
0
Floating or 1
Floating or 1
Floating or 1
Io > 0
Io < 0 (5)
BU508 ON
BU508 OFF
Normal Function
X0
Io < 0 (5)
0 < t < tdr
BU508 OFF
Remote/Standby
Function
X0
Io > 0
t > tdr
BU508 ON
Note :
5. IO < 0 means that the sink current flows into the output to ground.
TDA8140
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com